Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSP1084DA Datasheet(PDF) 5 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP1084DA
Description  5A LOW DROPOUT LINEAR REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP1084DA Datasheet(HTML) 5 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP1084DA Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084DA Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084DA Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084DA Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084DA Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084DA Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084DA Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084DA Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084DA Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5A LOW DROPOUT LINEAR REGULATOR
2007-4-6
5/9
FSP1084
TYPICAL PERFORMANCE CHARACTERISTICS (CONTINUED)
Load Transient Response
Line Transient Response
Vin=5.5V, Vout=2.5V Io=100mA to 5A Cin=Cout=10µ(tan)
Vin=4.5V to 6.5V Vout=2.5V Io=200mA Cin=1µ(tan) Cout=10µ(tan)
0
25
50
75
100
125
1.20
1.25
1.30
1.35
1.40
Dropout Voltage vs Temperature
TJ (℃)
02
4
6
8
10
0
2
1
6
8
Short Circuit Current vs Dropout Voltage
Dropout Voltage (V)
12
4
3
5
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com