Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSP2114C30AD Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2114C30AD
Description  CMOS LOW DROPOUT REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2114C30AD Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2114C30AD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2114C30AD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2114C30AD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2114C30AD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2114C30AD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2114C30AD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2114C30AD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2114C30AD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CMOS LOW DROPOUT REGULATORS
2007-5-18
2/8
FSP2114
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Input Supply Voltage
-0.3 to +6
V
OUT Voltage
-0.3 to VIN + 0.3
V
Continuous OUT Current
Internally limited
A
0.38 (SOT23-3L)
Maximum Power Dissipation ( TA = 75°C)
0.55 (SOT89-3L)
W
200 (SOT23-3L)
Junction to Ambient Thermal Resistance (
θJA)
130 (SOT89-3L)
℃
/ W
Operating Junction Temperature
-40 to 150
°C
Storage Temperature
-55 to 125
°C
Lead Temperature (Soldering, 10 sec)
300
°C
Note: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
ELECTRICAL CHARACTERISTICS
(VIN = Greater of 4V or VOUT + 0.5V to 5.5V, IOUT = 1mA, COUT = 1µF, TJ = 25°C unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage Accuracy
∆VOUT
-3
3
%
Input Voltage Range
2.5
5.5
V
Line Regulation
VIN = VOUT + 1.0V to 5.5V,
IOUT = 40mA
0.3
%/V
Load Regulation
IOUT = 1mA to 60mA
0.01
%/mA
Supply Current
IQ
No Load
60
µA
VO≤1.8V,IOUT = 40mA
400
1.8V <VO<3.3V,IOUT = 40mA
260
Dropout Voltage (Note1)
VDO
VO≥3.3V,IOUT = 40mA
150
mV
VOUT ≥ 2V
250
400
Current Limit (Note 2)
ILIM
VOUT < 2V
150
280
mA
Current Limit Short Circuit
Foldback
ILIMSC
VOUT =0 V
100
mA
Stable COUT
1
20
µF
Note 1:Dropout Voltage is defined as the different voltage between input and output when the output voltage drops
100mV below the regulation voltage at 1V different voltage.
Note 2:Current Limit is measured at by forcing output voltage to 95% of regulation voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com