Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7439D Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7439D
Description  THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7439D Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7439D Datasheet HTML 1Page - STMicroelectronics TDA7439D Datasheet HTML 2Page - STMicroelectronics TDA7439D Datasheet HTML 3Page - STMicroelectronics TDA7439D Datasheet HTML 4Page - STMicroelectronics TDA7439D Datasheet HTML 5Page - STMicroelectronics TDA7439D Datasheet HTML 6Page - STMicroelectronics TDA7439D Datasheet HTML 7Page - STMicroelectronics TDA7439D Datasheet HTML 8Page - STMicroelectronics TDA7439D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5/19
TDA7439
Figure 4. TEST CIRCUIT
3
APPLICATION SUGGESTIONS
The first and the last stages are volume control blocks. The control range is 0 to -47dB (mute) for the first
one, 0 to -79dB (mute) for the last one.
Both of them have 1dB step resolution. The very high resolution allows the implementation of systems free
from any noisy acoustical effect. The TDA7439 audioprocessor provides 3 bands tones control.
3.1 Bass, Middle Stages
The Bass and the middle cells have the same structure. The Bass cell has an internal resistor Ri = 44K
Ω
typical.
The Middle cell has an internal resistor Ri = 25K
Ω typical.
Several filter types can be implemented, connecting external components to the Bass/Middle IN and OUT
pins.
Figure 5.
0/30dB
2dB STEP
MUXOUTL
INL
VOLUME
VOLUME
TREBLE
TREBLE
TREBLE(L)
MIDDLE
MIDDLE
MUXOUTR
INR
TREBLE(R)
BOUT(L)
SPKR ATT
LEFT
LOUT
SCL
SDA
DIGGND
ROUT
D95AU339B
I
2CBUS DECODER + LATCHES
5.6nF
2.2
µF
100K
100K
100K
100K
G
L-IN1
L-IN2
L-IN3
L-IN4
0.47
µF
0.47
µF
0.47
µF
0.47
µF
100K
100K
100K
100K
R-IN1
R-IN2
R-IN3
R-IN4
0.47
µF
0.47
µF
0.47
µF
0.47
µF
G
INPUT MULTIPLEXER
+ GAIN
MOUT(L)
BASS
BIN(L)
18nF
22nF
100nF
100nF
2.7K
5.6K
BASS
SPKR ATT
RIGHT
MOUT(R)
BOUT(R)
BIN(R)
5.6nF
18nF
22nF
100nF
100nF
2.7K
5.6K
SUPPLY
10
µF
CREF
AGND
VS
RM
RB
RM
RB
6
11
12
13
14
10
9
8
7
30
1
29
5
3
4
17
18
28
19
20
21
22
2
15
16
27
26
25
23
24
VREF
2.2
µF
Ri internal
C2
OUT
IN
C1
R2
D95AU313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com