Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSP1084K Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP1084K
Description  5A LOW DROPOUT LINEAR REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP1084K Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP1084K Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
5A LOW DROPOUT LINEAR REGULATOR
2007-4-6
3/9
FSP1084
ELECTRICAL CHARACTERISTICS (CONTINUED)
Typicals and limits appearing in normal type apply for TJ=25℃. Limiting appearing in Boldface type apply over the
entire operating junction temperature range.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
RegLoad
FSP1084-ADJ
IO=0mA~5A, VIN-VOUT=3V
0.1
0.2
0.3
0.4
%
FSP1084-1.5/
1.8/2.5/3.3
IO=0mA~5A, VIN-VOUT=3V
3
7
15
20
mV
Load Regulation
Δ
VOUT
FSP1084-5.0
IO=0mA~5A, VIN-VOUT=3V
5
10
20
35
mV
Dropout Voltage
IO=5A, ΔVREF,ΔVOUT=1%
1.3
1.5
V
Current Limit
ILIMIT
VIN-VOUT=3V
5.5
6.5
A
Adjust Pin
Current
IO=10mA, VIN=4.25V
55
120
µA
Adjust Pin
Current Change
IO=10mA~5A, 1.5V≤VIN-VOUT≤4.5V
0.2
5
µA
Minimum Load
Current
VIN=10V (FSP1084-ADJ)
3
10
mA
Quiescent
Current
VIN=10V (FSP1084)
5
10
mA
Ripple Rejection
f=120Hz,COUT=25uF Tantalum,
VIN-VOUT=3V, IOUT=5A
60
72
dB
Temperature
Stability
IO=10mA, VIN-VOUT=1.5V
0.5
%
Long-term
Stability
TA=125℃, 1000hrs
0.5
%
RMS Noise
(% of VOUT)
10Hz≤f≤10kHz
0.003
%
TO252-2L
4
TO220-3L
3
Thermal
Resistance,
Junction to case
θJC
TO263-2L
3
℃
/W
TYPICAL APPLICATIONS
Vout=Vref*(1+R2/R1)+Iadj*R2
Vin
R2
Vout
+
Tantalum
+
10µF
Tantalum
Vout
ADJ
22µF
FSP1084-ADJ
R1
Vin
Vout
+
10µF
Tantalum
Vin
GND
FSP1084-5.0
+
22µF
Tantalum
Vout
Vin



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com