Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSP1084D Datasheet(PDF) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP1084D
Description  5A LOW DROPOUT LINEAR REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP1084D Datasheet(HTML) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP1084D Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
5A LOW DROPOUT LINEAR REGULATOR
2007-4-6
4/9
FSP1084
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
3.0
4.0
5.0
0.0
0.80
0.90
0.95
1.05
1.10
1.20
1.25
1.30
1.40
1.45
1.50
Output Current (A)
Dropout Voltage vs Output Current
2.0
0.5
1.5
2.5
3.5
4.5
0.85
1.00
1.15
1.35
0
25
50
75
100
125
2.47
2.48
2.50
2.51
2.52
2.53
TJ (℃)
Output Voltage vs Temperature
2.49
0
25
50
75
100
125
-0.1
-0.8
-0.6
-0.4
-0.2
0.0
Line Regulation vs Temperature
TJ (℃)
01
2
3
4
5
20
30
50
60
70
80
Output Current (A)
Adjust Pin Current vs Output Current
40
25
35
45
55
65
75



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com