Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSP3112MSAD Datasheet(PDF) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3112MSAD
Description  DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3112MSAD Datasheet(HTML) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP3112MSAD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
2007-7-11
7/10
FSP3112
APPLICATION INFORMATION
Fig.1 FSP3112 Typical Application Circuit
SETTING THE OUTPUT VOLTAGE
The external resistor sets the output voltage according to the following equation:
OUT
R2
V0.6V 1+
R1
⎛⎞
=
⎜⎟
⎝⎠
Table 1 ----Resistor select for output voltage setting
VOUT
R1(R3)
R2(R4)
1.2V
316K
316K
1.5V
316K
474K
1.8V
316K
634K
2.5V
316K
1001K
INDUCTOR SELECTION
For most designs, the FSP3112 operates with inductors of 1µH to 4.7µH. Low inductance values are physically
smaller but require faster switching, which results in some efficiency loss. The inductor value can be derived from
the following equation:
()
OUT
IN
OUT
IN
L
OSC
VV
V
L
VI
f
×−
=
×∆ ×
Where ∆IL is inductor Ripple Current. Large value inductors lower ripple current and small value inductors result in
high ripple currents. Choose inductor ripple current approximately 35% of the maximum load current 600mA, or
∆IL=210mA.
For output voltages above 2.0V, when light-load efficiency is important, the minimum recommended inductor is
2.2µH. For optimum voltage-positioning load transients, choose an inductor with DC series resistance in the 50mΩ
to 150mΩ range. For higher efficiency at heavy loads (above 200mA), or minimal load regulation (but some transient
overshoot), the resistance should be kept below 100mΩ. The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple current to prevent core saturation (600mA+105mA). Table2
lists some typical surface mount inductors that meet target applications for the FSP3112.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com