Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSP3122DAE Datasheet(PDF) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3122DAE
Description  150KHZ 3A PWM BUCK DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3122DAE Datasheet(HTML) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP3122DAE Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122DAE Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122DAE Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122DAE Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122DAE Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122DAE Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122DAE Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122DAE Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122DAE Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
150KHZ 3A PWM BUCK DC/DC CONVERTER
2007-6-12
9/10
FSP3122
2) TO263-5L
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.07
4.46
4.85
0.163
0.176
0.194
B
0.51
0.84
1.02
0.020
0.033
0.041
C
0.36
0.50
0.74
0.014
0.020
0.030
C2
1.14
1.27
1.65
0.046
0.050
0.066
D
8.20
9.15
9.65
0.328
0.360
0.380
E
9.65
10.16
10.67
0.386
0.400
0.427
e
1.57
1.71
1.85
0.063
0.068
0.074
L
14.45
15.24
15.88
0.578
0.600
0.635
L1
1.78
2.54
2.79
0.071
0.100
0.110
L2
2.92
0.115
e
B
E
D
L2
L
L1
C
C2
A
Land Pattern Recommendation (Unit: mm)
10.90
15.70
2.50
1.70
1.00



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com