Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VB20100S-E3/8W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VB20100S-E3/8W
Description  High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.446 V at IF = 5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB20100S-E3/8W Datasheet(HTML) 2 Page - Vishay Siliconix

  VB20100S-E3/8W Datasheet HTML 1Page - Vishay Siliconix VB20100S-E3/8W Datasheet HTML 2Page - Vishay Siliconix VB20100S-E3/8W Datasheet HTML 3Page - Vishay Siliconix VB20100S-E3/8W Datasheet HTML 4Page - Vishay Siliconix VB20100S-E3/8W Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
V20100S, VF20100S, VB20100S & VI20100S
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88975
Revision: 31-Jul-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 10 mA
TA = 25 °C
VBR
105 (minimum)
-
V
Instantaneous forward voltage (1)
IF = 5 A
IF = 10 A
IF = 20 A
TA = 25 °C
VF
0.51
0.60
0.79
-
-
0.90
V
IF = 5 A
IF = 10 A
IF = 20 A
TA = 125 °C
0.45
0.53
0.69
-
-
0.76
Reverse current (2)
VR = 70 V
TA = 25 °C
TA = 125 °C
IR
17
7
-
-
µA
mA
VR = 100 V
TA = 25 °C
TA = 125 °C
70
14
500
30
µA
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V20100S
VF20100S
VB20100S
VI20100S
UNIT
Typical thermal resistance
RθJC
2.0
4.0
2.0
2.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
V20100S-E3/4W
1.88
4W
50/tube
Tube
ITO-220AB
VF20100S-E3/4W
1.75
4W
50/tube
Tube
TO-263AB
VB20100S-E3/4W
1.37
4W
50/tube
Tube
TO-263AB
VB20100S-E3/8W
1.37
8W
800/reel
Tape and reel
TO-262AA
VI20100S-E3/4W
1.45
4W
50/tube
Tube
Figure 1. Maximum Forward Current Derating Curve
Case Temperature (°C)
24
20
16
12
4
0
0
25
50
75
100
125
150
175
V20100S
VI20100S
VF20100S
VB20100S
Resistive or Inductive Load
8
Figure 2. Forward Power Loss Characteristics
0
2
4
6
8
10
12
14
16
18
20
04
8
12
16
20
24
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Average Forward Current (A)
D = t
p/T
t
p
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com