Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7495S Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7495S
Description  11W11W AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7495S Datasheet HTML 2Page - STMicroelectronics TDA7495S Datasheet HTML 3Page - STMicroelectronics TDA7495S Datasheet HTML 4Page - STMicroelectronics TDA7495S Datasheet HTML 5Page - STMicroelectronics TDA7495S Datasheet HTML 6Page - STMicroelectronics TDA7495S Datasheet HTML 7Page - STMicroelectronics TDA7495S Datasheet HTML 8Page - STMicroelectronics TDA7495S Datasheet HTML 9Page - STMicroelectronics TDA7495S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
D97AU561
10
12
14
16
18
20
22
24 VS(V)
0
2
4
6
8
10
12
14
POUT
(W)
RL=4Ω
d=10%
d=1%
Figure 4: Output Power vs Supply Voltage
0
1
2
3
4 Vpin#9(V)
-120
-100
-80
-60
-40
-20
0
ATT
(dB)
D97AU565
0dB=1W
Figure 6: Stand-by Attenuation vs Vpin #9
02
4
6
POUT(W)
0.01
0.1
1
d
(%)
D97AU562
f=15KHz
VS=20V
RL=4Ω
f=1KHz
Figure 5: Distortion vs Output Power
01234 Vpin#10(V)
-100
-80
-60
-40
-20
0
ATT
(dB)
D97AU566
0dB=1W
Figure 7: Mute Attenuation vs V pin #10
0.1
1
10 POUT(W)
0
2
4
6
8
PDISS
(W)
D97AU567
VS=14V
VS=18V
VS=24V
RL=2 x 8Ω
f=1KHz
10
VS=28V
Figure 8: Power dissipation vs Output Power
0.1
1
10 POUT(W)
0
4
8
12
16
PDISS
(W)
D97AU568
VS=20V
VS=26V
RL=2 x 4Ω
f=1KHz
Figure 9: Power Dissipation vs Output Power
TDA7495S
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com