Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7496 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7496
Description  5W5W AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7496 Datasheet HTML 2Page - STMicroelectronics TDA7496 Datasheet HTML 3Page - STMicroelectronics TDA7496 Datasheet HTML 4Page - STMicroelectronics TDA7496 Datasheet HTML 5Page - STMicroelectronics TDA7496 Datasheet HTML 6Page - STMicroelectronics TDA7496 Datasheet HTML 7Page - STMicroelectronics TDA7496 Datasheet HTML 8Page - STMicroelectronics TDA7496 Datasheet HTML 9Page - STMicroelectronics TDA7496 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
10
12
14
16
18
20
22
24
26
28
30
32
Supply Voltage (V)
16
18
20
22
24
26
28
30
32
Iq (mA)
Vi=0
Quiescent Current vs. Supply Voltage
10
12
14
16
18
20
22
24
26
28
30
32
Supply Voltage (V)
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Vodc (V)
Vi=0
Output DC Voltage vs. Supply Voltage
10
12
14
16
18
20
22
24
26
28
30
32
Supply Voltage (V)
100
120
140
160
180
200
220
240
260
280
300
Vodc-Vsvr (V)
Vi=0
Output DC Offset vs. Supply Voltage
10
12
14
16
18
20
22
24
26
Supply Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
Ouput Power (W)
THD=10 %
THD=1 %
Rl=8 Ohm
F= 1 KHz
Output Power vs. Supply Voltage
10
10.5
11
11.5
12
12.5
13
13.5
14
Supply Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Ouput Power (W)
THD=10 %
THD=1 %
Rl=4 Ohm
F= 1 KHz
Output Power vs. Supply Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Output Power (W)
0.01
0.1
1
10
Distortion (%)
Rl=8 Ohm
Vs=22V
F=15 KHz
F=1 KHz
Distortion vs. Output Power
TDA7496S
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com