Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7512 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 3Page - STMicroelectronics TDA7512 Datasheet HTML 4Page - STMicroelectronics TDA7512 Datasheet HTML 5Page - STMicroelectronics TDA7512 Datasheet HTML 6Page - STMicroelectronics TDA7512 Datasheet HTML 7Page - STMicroelectronics TDA7512 Datasheet HTML 8Page - STMicroelectronics TDA7512 Datasheet HTML 9Page - STMicroelectronics TDA7512 Datasheet HTML 10Page - STMicroelectronics TDA7512 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7/42
TDA7512
V60
Lower threshold start with KAGC
KAGC = max, V7-9 = 0mVRMS,
∆fIF=300KHz
98
dB
µV
V35
Startpoint KAGC
KAGC = max, V7-9 = 0mVRMS,
∆fIF=300KHz
fIF1 generate FSW level at V35
3.6
V
∆
Control range KAGC
∆V35= +0.4V
16
dB
RIN
Input resistance
10
k
Ω
CIN
Input capacitance
2.5
pF
AGC Time Constant Output
V10
Max. AGC output voltage
V7-9 = 0mVRMS
VREF1
+VBE
V
V10
Min. AGC output voltage
V7-9 = 50mVRMS
0.5
V
I10
Min. AGC charge current
V7-9 = 0mVRMS,V10 = 2.5V
-12.5
µA
I10
Max. AGC discharge current
V7-9 = 50mVRMS,V10 = 2.5V
1.25
mA
AGC PIN Diode Driver Output
I6
AGC OUT, current min.
V7-9 = 0mVRMS, V6 = 2.5V
50
µA
I6
AGC OUT, current max.
V7-9 = 50 mVRMS, V6 = 2.5V
-20
mA
I/Q Mixer1 (10.7MHz)
RIN
Input resistance
differential
10
k
Ω
CIN
Input capacitance
differential
4
pF
ROUT
Output resistance
differential
100
k
Ω
V7,9
Input dc bias
3.2
V
gm
Conversion transconductance
17
mS
F
Noise figure
400
Ω generator resistance
3dB
CP1dB
1dB compression point
referred to diff. mixer input
100
dB
µV
IIP3
3rd order intermodulation
122
dB
µV
IQG
I/Q gain adjust
G
-1
+1
%
IQP
I/Q phase adjust
PH
-7
+8
DEG
IRR
Image rejection ratio
ratio wanted/image
30
40
dB
IRR
Image rejection ratio
with gain and phase adjust
40
46
dB
Table 3. ELECTRICAL CHARACTERISTICS (continued)
Tamb = +25°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = VCCIF1=8.5V, fRF = 98MHz, dev. = 40kHz,
fMOD =1kHz, fIF1 =10.7MHz, fIF2 =450KHz, fXtal = 10.25MHz, in application circuit, unless otherwise
specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com