Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7560 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7560
Description  4 x 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7560 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7560 Datasheet HTML 2Page - STMicroelectronics TDA7560 Datasheet HTML 3Page - STMicroelectronics TDA7560 Datasheet HTML 4Page - STMicroelectronics TDA7560 Datasheet HTML 5Page - STMicroelectronics TDA7560 Datasheet HTML 6Page - STMicroelectronics TDA7560 Datasheet HTML 7Page - STMicroelectronics TDA7560 Datasheet HTML 8Page - STMicroelectronics TDA7560 Datasheet HTML 9Page - STMicroelectronics TDA7560 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
8
10
121416
18
Vs (V)
140
160
180
200
220
240
Id (mA)
Vi = 0
RL = 4 Ohm
Figure 3. Quiescent current vs. supply
voltage.
8
9
10
11
12
13
14
15
16
17
18
Vs (V)
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
Po (W)
RL= 4 Ohm
f= 1 KHz
THD= 10 %
THD= 1 %
Po-max
Figure 4. Output power vs. supply voltage.
8
9
10 11 12 13 14 15 16 17 18
Vs (V)
10
20
30
40
50
60
70
80
90
100
110
120
130
Po(W)
RL=2 Ohm
f=1 KHz
THD=10%
THD=1 %
Po-max
Figure 5. Output power vs. supply voltage.
0.1
1
10
Po (W)
0.001
0.01
0.1
1
10
THD(%)
f= 10 KHz
RL= 4 Ohm
f= 1 KHz
Vs= 14.4 V
Figure 6. Distortion vs. output Power
0.1
1
10
Po (W)
0.001
0.01
0.1
1
10
THD(%)
f= 10 KHz
RL= 2 Ohm
f= 1 KHz
Vs=14.4 V
Figure 7. Distortion vs. output power
10
100
1000
10000
f(Hz)
0.001
0.01
0.1
1
10
THD (%)
Po =4 W
RL =4 Ohm
Vs = 14.4 V
Figure 8. Distortion vs. frequency.
TDA7560
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com