Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8132 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8132
Description  5.1V 12V DISABLE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8132 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8132 Datasheet HTML 1Page - STMicroelectronics TDA8132 Datasheet HTML 2Page - STMicroelectronics TDA8132 Datasheet HTML 3Page - STMicroelectronics TDA8132 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHRACTERISTICS (VIN1 =7V, VIN2 = 14V, Tj =25
oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO1
Output Voltage
IO1 = 10mA
5
5.1
5.2
V
VO2
Output Voltage
IO2 = 10mA
11.76
12
12.24
V
VO1
VO2
Output Voltage
5mA < IO1,2 < 750mA
7V < VIN1 < 14V
14 < VIN2 < 18V
4.9
11.5
5.3
12.5
V
V
VIO1,2
Dropout Voltage
IO1,2 = 750mA
IO1,2 =1A
1.4
2
V
V
VO1,2LI
Line Regulation
7V < VIN1 < 14V
14 < VIN2 < 18V
IO1,2 = 200mA
50
120
mV
mV
VO1,2LO
Load Regulation
5mA < IO1 < 0.6A
5mA < IO2 < 0.6A
100
250
mV
mV
IQ
Quiescent Current
IO1 = 10mA
Output 2 Disabled
2mA
KO1,2
Output Voltage Thermal Drift
Tj = 0 to 125
oC
KO
=
∆VO ⋅ 106
∆T ⋅ VO
100
ppm/
oC
IO1,2SC
Short Circuit Output Current
VIN1 = 7V, VIN2 = 14V
VIN1,2 = 16V (see Note)
1.6
1
A
A
VDISH
Disable Voltage High (corresponding out active)
2
V
VDISL
Disable Voltage Low (corresponding out disabled)
0.8
V
IDIS
Disable Bias Current
0V < VDIS < 7V
-30
2
µA
Tjsd
Junction Temperature for Thermal Shut Down
145
oC
Note : Safe permanent short-circuit is only guaranteed for input voltages up to 16V.
5
3
7
6
4
2
1
TDA8132
DISABLE
FOR
OUTPUT 1
C1
C2
C3
C4
C1 to C4 = 10
µF
V
IN1
VIN2
VO1
VO2
DISABLE
FOR
OUTPUT 2
TYPICAL APPLICATION
TDA8132
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com