Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8133 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA8133
Description  5.1V 8V REGULATOR WITH DISABLE AND RESET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8133 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA8133 Datasheet HTML 1Page - STMicroelectronics TDA8133 Datasheet HTML 2Page - STMicroelectronics TDA8133 Datasheet HTML 3Page - STMicroelectronics TDA8133 Datasheet HTML 4Page - STMicroelectronics TDA8133 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
B
e3
D
b1
C
b3
N
e
c2
c1
19
M
PACKAGE MECHANICAL DATA
9 PINS - PLASTIC SIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
7.1
0.280
a1
2.7
3
0.106
0.118
B
24.8
0.976
b1
0.5
0.020
b3
0.85
1.6
0.033
0.063
C
3.3
0.130
c1
0.43
0.017
c2
1.32
0.052
D
21.2
0.835
d1
14.5
0.571
e
2.54
0.100
e3
20.32
0.800
L
3.1
0.122
L1
3
0.118
L2
17.6
0.693
L3
0.25
0.010
M
3.2
0.126
N
1
0.039
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility
for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result
from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics.
Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life
support devices or systems without express written approval of SGS-THOMSON Microelectronics.
© 1994 SGS-THOMSON Microelectronics - All Rights Reserved
Purchase of I
2C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips
I
2C Patent. Rights to use these components in a I2C system, is granted provided that the system conforms to
the I
2C Standard Specifications as defined by Philips.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
TDA8133
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com