Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FESB8JTHE3/45 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FESB8JTHE3/45
Description  Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FESB8JTHE3/45 Datasheet(HTML) 2 Page - Vishay Siliconix

  FESB8JTHE3/45 Datasheet HTML 1Page - Vishay Siliconix FESB8JTHE3/45 Datasheet HTML 2Page - Vishay Siliconix FESB8JTHE3/45 Datasheet HTML 3Page - Vishay Siliconix FESB8JTHE3/45 Datasheet HTML 4Page - Vishay Siliconix FESB8JTHE3/45 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FES(F,B)8AT thru FES(F,B)8JT
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88600
Revision: 07-Nov-07
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) Automotive grade AEC Q101 qualified
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
FES
8AT
FES
8BT
FES
8CT
FES
8DT
FES
8FT
FES
8GT
FES
8HT
FES
8JT
UNIT
Maximum instantaneous
forward voltage (1)
8.0 A
VF
0.95
1.3
1.5
V
Maximum DC reverse
current at rated DC
blocking voltage
TC = 25 °C
TC = 100 °C
IR
10
500
µA
Maximum reverse
recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
35
50
ns
Typical junction
capacitance
4.0 V, 1 MHz
CJ
85
50
pF
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FES
FESF
FESB
UNIT
Typical thermal resistance from junction to case
RθJC
2.2
5.0
2.2
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
FES8JT-E3/45
1.80
45
50/tube
Tube
ITO-220AC
FESF8JT-E3/45
1.85
45
50/tube
Tube
TO-263AB
FESB8JT-E3/45
1.33
45
50/tube
Tube
TO-263AB
FESB8JT-E3/81
1.33
81
800/reel
Tape and reel
TO-220AC
FES8JTHE3/45 (1)
1.80
45
50/tube
Tube
ITO-220AC
FESF8JTHE3/45 (1)
1.85
45
50/tube
Tube
TO-263AB
FESB8JTHE3/45 (1)
1.33
45
50/tube
Tube
TO-263AB
FESB8JTHE3/81 (1)
1.33
81
800/reel
Tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com