Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8170 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA8170
Description  TV VERTICAL DEFLECTION OUTPUT CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8170 Datasheet(HTML) 6 Page - STMicroelectronics

  TDA8170 Datasheet HTML 1Page - STMicroelectronics TDA8170 Datasheet HTML 2Page - STMicroelectronics TDA8170 Datasheet HTML 3Page - STMicroelectronics TDA8170 Datasheet HTML 4Page - STMicroelectronics TDA8170 Datasheet HTML 5Page - STMicroelectronics TDA8170 Datasheet HTML 6Page - STMicroelectronics TDA8170 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TYPICAL PERFORMANCES
Parameter
110
° TVC
5.9
Ω/10 mH
110
° TVC
9.6
Ω/27 mH
90
° TVC
15
Ω/30 mH
Unit
Vs - Supply Voltage
24
22.5
25
V
Is - Current
280
175
125
mA
tfly - Flyback Time
0.6
1
0.7
ms
Ptot - Power Dissip.
4.2
2.5
2.05
W
Rth o-a - Heatsink
7
13
16
°C/W
Tamb
60
60
60
°C
Tj max
110
110
110
°C
To
20
20
20
ms
VI
2.5
2.5
2.5
Vpp
V7
2.5
2.5
2.5
Vp
The power dissipated in the circuit must be re-
moved by adding an external heatsink.
Thanks to the HEPTAWATT
TM package attaching
the heatsink is very simple, a screw a compression
spring (clip) being sufficient. Between the heatsink
and the packageit is better to insert a layerof silicon
grease, to optimize the thermal contact ; no electri-
cal isolation is needed between the two surfaces.
MOUNTING INSTRUCTIONS
Figure 4 : Mounting Examples
TDA8170
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com