Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M52743BSP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M52743BSP
Description  I2C BUS Controlled 3-Channel Video Preamplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52743BSP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M52743BSP Datasheet HTML 9Page - Renesas Technology Corp M52743BSP Datasheet HTML 10Page - Renesas Technology Corp M52743BSP Datasheet HTML 11Page - Renesas Technology Corp M52743BSP Datasheet HTML 12Page - Renesas Technology Corp M52743BSP Datasheet HTML 13Page - Renesas Technology Corp M52743BSP Datasheet HTML 14Page - Renesas Technology Corp M52743BSP Datasheet HTML 15Page - Renesas Technology Corp M52743BSP Datasheet HTML 16Page - Renesas Technology Corp M52743BSP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
M52743BSP
REJ03F0193-0201 Rev.2.01 Mar 31, 2008
Page 13 of 25
Oaj3 OSD Adjust Control Characteristics3
Measuring condition and procedure are the same as described in Oaj1.
∆Oaj3 OSD Adjust Control Relative Characteristics3
Measuring condition and procedure are the same as described in
∆Oaj1.
VthOSD OSD Input Threshold Voltage
Reduce the SG6 input level gradually, monitoring output. Measure the SG6 level when the output reaches 0 V. The
measured value is called VthOSD.
VthBLK OSD BLK Input Threshold Voltage
Confirm that output signal is being blanked by the SG6 at the time.
Monitoring to output signal, decreasing the level of SG6. Measure the top level of SG6 when the blanking period is
disappeared. The measured value is called VthBLK.
HBLK1 Retrace BLK Characteristics1
Measure the amplitude output is blanked by the SG7 at OUT (29, 32, 35). The measured value is called VOUT (29, 32,
35), and is treated as HBLK1.
HBLK2 Retrace BLK Characteristics2
Measure the amplitude output is blanked by the SG7 at OUT (29, 32, 35). The measured value is called VOUT (29, 32,
35), and is treated as HBLK2.
HBLK3 Retrace BLK Characteristics3
Measure the amplitude output is blanked by the SG7 at OUT (29, 32, 35). The measured value is called VOUT (29, 32,
35), and is treated as HBLK3.
VthRET Retrace BLK Input Threshold Voltage
Confirm that output signal is being blanked by the SG7 at the time.
Monitoring to output signal, decreasing the level of SG7. Measure the top level of SG7 when the blanking period is
disappeared. The measured value is called VthRET.
SS-NV SOG Input Maximum Noise Voltage
The sync's amplitude of SG4 be changed all white into all black, increase from 0 VP-P to 0.02 VP-P. No pulse output
permitted.
SS-SV SOG Minimum Input Voltage
The sync's amplitude of SG4 be changed all white or all black, decrease from 0.3 VP-P to 0.2 VP-P. Confirm no
malfunction produced by noise.
VSH Sync Output High level
Measure the high voltage at SyncOUT. The measured value is treated as VSH.
VSL Sync Output Low Level
Measure the low voltage at SyncOUT. The measured value is treated as VSL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com