Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8190 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA8190
Description  TV SOUND CHANNEL WITH DC CONTROLS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8190 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA8190 Datasheet HTML 2Page - STMicroelectronics TDA8190 Datasheet HTML 3Page - STMicroelectronics TDA8190 Datasheet HTML 4Page - STMicroelectronics TDA8190 Datasheet HTML 5Page - STMicroelectronics TDA8190 Datasheet HTML 6Page - STMicroelectronics TDA8190 Datasheet HTML 7Page - STMicroelectronics TDA8190 Datasheet HTML 8Page - STMicroelectronics TDA8190 Datasheet HTML 9Page - STMicroelectronics TDA8190 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
d(%)
V = 10mV
i
0.4
0.8
1.2
10
20
30
40
50
60
70
Qo
0
0.2
0.6
1.0
Figure 7 : Distortion versus Unloaded Q-factor of
the Detector Coil
d(%)
010
20
0
30
∆f (kHz)
R= 16
Ω
L
o
P = 250mW
1.2
0.8
0.4
Figure 8 : Distortion versus Frequency Variation
d (%)
-40 -30 -20 -10
0
-50
10 20 30
40 50
0
1
2
3
4
5
6
7
8
δ (kHz)
fo
R= 16
Ω
L
o
P= 1W
Figure 9 :
Distortion versus Tuning Frequency
Change
d (%)
0
2
4
6
8
10
10
-2
10
-1
1
V = 12V, R = 8
Ω
V = 24V, R = 16
Ω
SL
SL
Pl
(W)
o
10
Figure 10 : Distortion versus Output Power
8
101214 161820 22 2426 28
V(V)
s
R= 8
Ω
L
R = 16 =
Ω
L
P (W)
o
0
1
2
3
4
5
d = 10%
Figure 12 : Output Power versus Supply Voltage
10
4
10
5
V (dB)
o
10
10
2
10
3
-8
-6
-4
-2
0
2
f
(Hz)
A
S1 : off
V
= 200mV
C11 to GND = 0
R= 16
Ω
R
: set for V
= 0dB
with f
= 400Hz
10
L
xO
A
Figure 11 : Audio Amplifier Frequency Response
TDA8190
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com