Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M6274XML Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M6274XML
Description  Voltage Detecting, System Resetting IC Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M6274XML Datasheet(HTML) 2 Page - Renesas Technology Corp

  M6274XML Datasheet HTML 1Page - Renesas Technology Corp M6274XML Datasheet HTML 2Page - Renesas Technology Corp M6274XML Datasheet HTML 3Page - Renesas Technology Corp M6274XML Datasheet HTML 4Page - Renesas Technology Corp M6274XML Datasheet HTML 5Page - Renesas Technology Corp M6274XML Datasheet HTML 6Page - Renesas Technology Corp M6274XML Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
M6270X, M6271X, M6272X, M6273X, M6274XML/SL
Rev.2.00 Nov 03, 2005 page 2 of 6
Pin Arrangement
3
OUTPUT
(TOP VIEW) ex. M62724
2
GND
M62724ML
M62724SL
Outline SOT–89
Outline TO–92L
1
(1)
(1) SUPPLY
VOLTAGE
(2) GND
(3) OUTPUT
(2) (3)
SUPPLY
VOLTAGE
Block Diagram
+
1
3
2
GND
1.25V
25uA
Typ
R1
R2
–
+
1
3
2
GND
1.25V
25uA
Typ
R1
R2
–
OSC
COUNTER
+
1
3
2
GND
OUTPUT
"L"RESET TYPE
OUTPUT
"L"RESET TYPE
OUTPUT
"L"RESET TYPE
C
1.25V
SUPPLY VOLTAGE
SUPPLY VOLTAGE
SUPPLY VOLTAGE
M6271XML/SL
(Built in Load: M62712,4,6,8)
(Open Collector: M62713,5,7,9)
M6270XML/SL
(Built In Load: M62702,4,6,8)
(Open Collector: M62703,5,7,9)
M6272X, M6273X, M6274XML/SL
(Built In Load: X = 2,4,6,8)
(Open Collector: X = 3,5,7,9)
25uA
Typ
R1
R2
–
–



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com