Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8204B Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8204B
Description  NICAM DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8204B Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8204B Datasheet HTML 1Page - STMicroelectronics TDA8204B Datasheet HTML 2Page - STMicroelectronics TDA8204B Datasheet HTML 3Page - STMicroelectronics TDA8204B Datasheet HTML 4Page - STMicroelectronics TDA8204B Datasheet HTML 5Page - STMicroelectronics TDA8204B Datasheet HTML 6Page - STMicroelectronics TDA8204B Datasheet HTML 7Page - STMicroelectronics TDA8204B Datasheet HTML 8Page - STMicroelectronics TDA8204B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS (Tamb = 25
oC, VDD = 5V, unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
SUPPLY
VDD
Supply Voltage Range
4.75
5
5.25
V
IDD
Supply Current
30
45
90
mA
OUTPUTS
DACDR, DACDL, SERI, US1, SCK, WS, C4, ER, DDO, FID, PDV, ADV, DV, CK728
VOL
Low Output Voltage (IOL = -4mA)
0.4
V
VOH
High Output Voltage (IOH = 4mA)
0.7 VDD
V
US0 (open drain)
VOL
Low Output Voltage (IOL = -4mA)
0.4
V
ILK
High Output Current (leakage)
± 2
µA
CONSTANT CURRENT LED DRIVERS C1, C2, C3
IOL
Low Output Current (VOL = 0.4V)
- 10
mA
INPUTS
HA0, US2, RESET, DDI, SEL1, SEL0, TEST, NDI, CK11
VIL
Low Input Voltage
0.8
V
VIH
High Input Voltage
0.6 VDD
V
ILK
Input Leakage Current
± 2
µA
BI-DIRECTIONAL
RSW, MUTE
VOL
Low Output Voltage (IOL = -4mA)
0.4
V
VOH
High OUtput Voltage (IOH = 100
µA)
0.7 VDD
V
VIL
Low Input Voltage
0.8
V
SD
VOL
Low Output Voltage (IOL = -4mA)
0.4
V
VOH
High Output Voltage (IOH = 4mA)
0.7 VDD
V
VIL
Low Input Voltage
0.8
V
VIH
High Input Voltage
0.6 VDD
V
ILK
Input Leakage Current
± 2
µA
I
2C INTERFACE
SCL
VIL
Low Input Voltage
0
1.5
V
VIH
High Input Voltage
3
VDD
V
fSCL
SCL Clock Frequency
100
kHz
tr, tf
Input Rise and Fall Times
2
µs
IIL
Input Leakage Current (VI = 5.5V)
10
µA
CI
Input Capacitance
7
pF
SDA
VIL
Input Low Voltage
0
1.5
V
VIH
Input High Voltage
3
VDD
V
tr, tf
Input Rise / Fall Times
2
µs
IIL
Input Leakage Current (VI = 5.5V with output off)
10
µA
CI
Input Capacitance
7
pF
VOL
Low Output Voltage (IOL = 3mA)
0
0.5
V
tf
Output Fall Time between 3.0V and 1.0V
200
ns
CI
Load Capacitance
400
pF
TDA8204B
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com