Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9102 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA9102
Description  H/V PROCESSOR FOR TTL V.D.U
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9102 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA9102 Datasheet HTML 1Page - STMicroelectronics TDA9102 Datasheet HTML 2Page - STMicroelectronics TDA9102 Datasheet HTML 3Page - STMicroelectronics TDA9102 Datasheet HTML 4Page - STMicroelectronics TDA9102 Datasheet HTML 5Page - STMicroelectronics TDA9102 Datasheet HTML 6Page - STMicroelectronics TDA9102 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(TAMB =25
oC, VS = 12V, refer to the test circuits, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
VERTICAL SECTION
K17
Frequency drift versus supply voltage K17 =
dF .
10
6
dV .
fV
VS = 10.5V to 15.5V
300
ppm
V
1
2
C2
R1
R2
I1
if
C1
C3
R3
3
HOR. SYNC.
ϕ1
HORIZONTAL
OSCILLATOR
V
3L
V3H
V3H
VDC
V
DC
V
3L
V (V)
t (s)
VL = 5.2V
= 6.8V
V
H
=6V
V
=2V
VLL
1/fv
ts
Technical note 1
fH (nom) = 26.8 kHz
R1 = 6.8k
Ω
R2 = 56 k
Ω
C2 = 1.8 nF
fpull-in =fH (nom)
 V3 − V1  /R2
V1 /R1
=fH (nom)
If
Io
(A)
where: V1 = 3.5V and
V3 -V1 is the control
voltage range.
The voltage at Pin 3 is limited by two clamping
diodes at the voltage V3H and V3L
When the PLL1 is synchronized and perfectly
tuned, V3 =V1.
Remark: The value of C2 influences the horizontal
oscillator free running frequency; it doesn’t effect
the relative pull-in range. If the
horizontal fre-
quency is changed by using R1, the pull-in range
changes accordingly with the formula (A).
Technical note 2
The internal pulse ”t5”, is generated by the current
generator ”I5” charging the external capacitor
”C5”, according with the formula (B):
t5
=
C5 . V5
I5
(B),t5 =
TH
12
is recommended.
Technical note 3
K9 = 67.5 degrees/volt represents the slope of the
oscillator charging period of the waveform at
Pin 2:
K9 =
360 x 0.75
4
degree
V
Technical note 4
The second PLL can recover the storage of hori-
zontal output stage maintaining a constant duty
cycle till the trailing edge of the output pulse gets
the trailing edge of the flyback pulse. From this
point on, only the leading edge of the output pulse
will be shifted covering a total phase shift of: 0.30T;
overcoming this value, it will produce a notch in the
output pulse (@ fH = 27kHz).
Technical note 5
The voltage reference at Pin 19 can be used to
polarize the DC operating point of the vertical
booster. This voltage corresponds to the double of
the mean value voltage of the vertical sawtooth at
Pin 13.
Technical note 6
VH
− VL
ts
=
VH
− VLL
1/fV
ts
=
(VH − VL)
(VH − VLL)
1
fV
=
K14
fV
TDA9102C
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com