Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9103 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA9103
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9103 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA9103 Datasheet HTML 3Page - STMicroelectronics TDA9103 Datasheet HTML 4Page - STMicroelectronics TDA9103 Datasheet HTML 5Page - STMicroelectronics TDA9103 Datasheet HTML 6Page - STMicroelectronics TDA9103 Datasheet HTML 7Page - STMicroelectronics TDA9103 Datasheet HTML 8Page - STMicroelectronics TDA9103 Datasheet HTML 9Page - STMicroelectronics TDA9103 Datasheet HTML 10Page - STMicroelectronics TDA9103 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
B+ SECTION
Operating Conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
EAOI
Maximum Error Amplifier Output Current
Sourced by Pin 41
Sunk by Pin 41
0.5
2
mA
mA
FeedRes
Minimum Feedback Resistor
Resistor between Pins 40
and 41
5k
Ω
Electrical Characteristics (VCC = 12V, Tamb =25
°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
OLG
Error Amplifier Open Loop Gain
At low frequency
(see Note 1)
85
dB
UGBW
Unity Gain Bandwidth
(see Note 1)
6
MHz
IRI
Regulation Input Bias Current
Current sourced by
Pin 40 (PNP base)
0.2
µA
EAOI
Maximum Guaranted Error Amplifier
Output Current
Current sourced by Pin 41
Current sunk by Pin 41
0.5
2
mA
mA
CSG
Current Sense Input Voltage Gain
Pin 42
3
MCEth
Max Curent Sense Input Threshold Voltage
Pin 42
1.2
V
ISI
Current Sense Input Bias Current
Current sunk by Pin 42
(NPN base)
1
µA
Tonmax
Maximum External Power Transistor on Time
% of H-period
@ f0 = 27kHz
75
%
B+OSV
B+ Output Low Level Saturation Voltage
V22 with I22 = 10mA
0.25
V
IVREF
Internal Reference Voltage
On error amp (+) input for
V39 =4V
4.9
V
VREFADJ
Internal Reference Voltage Adjustment Range
2V < V39 <6V
±14
%
EAST WEST PARABOLA GENERATOR
Electrical Characteristics (VCC = 12V, Tamb =25
°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vsym
Parabola Symetry Adjustment Capability (for
Keystone Adjustment ; with Pin 38)
See Figure 2 ; internal
voltage
V38 =2V
V38 =4V
V38 =6V
3.2
3.5
3.8
V
Kadj
Keystone Adjustment Capability
B/A ratio
A/B ratio
See Figure 2 ; V37 =4V
V38 =2V
V38 =6V
2.3
2.0
Paramp
Parabola Amplitude Adjustment Capability
Maximum Amplitude on Pin 36
Maximum Ratio between Max and Min
V38 = 4.3V, V28 =2V
V37 =2V
2V < V37 <6V
3.3
2.4
3.8
3
4.3
V
TDA9103
7/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com