Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M61316SP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M61316SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61316SP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M61316SP Datasheet HTML 10Page - Renesas Technology Corp M61316SP Datasheet HTML 11Page - Renesas Technology Corp M61316SP Datasheet HTML 12Page - Renesas Technology Corp M61316SP Datasheet HTML 13Page - Renesas Technology Corp M61316SP Datasheet HTML 14Page - Renesas Technology Corp M61316SP Datasheet HTML 15Page - Renesas Technology Corp M61316SP Datasheet HTML 16Page - Renesas Technology Corp M61316SP Datasheet HTML 17Page - Renesas Technology Corp M61316SP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 14 of 26
VthBLK OSD BLK Input Threshold Voltage
Confirm that output signal is being blanked by the SG6 at the time.
Decrease the SG6 input level gradually from 5.0 VP-P, monitoring the output. Measure the top level of SG6 when the
blanking period is disappeared. And increase the SG6 input level gradually from 0 VP-P. Measure the top level of SG6
when the blanking period is appeared. The measured value is called VthBLK.
HBLK1 Retrace BLK Characteristics1
Measure the bottom voltage at amplitude of OUT (26, 28, 30). The measured value is called HBLK1.
HBLK2 Retrace BLK Characteristics2
Measuring condition and procedure are the same as described in HBLK1.
HBLK3 Retrace BLK Characteristics3
Measuring condition and procedure are the same as described in HBLK1.
VthHBLK Retrace BLK Input Threshold Voltage
Decrease the SG7 input level gradually from 5.0 VP-P, monitoring the output. Measure the top level of SG7 when the
output is disappeared. And increase the SG7 input level gradually from 0 VP-P. Measure the top level of SG7 when the
output is appeared. The measured value is called VthHBLK.
SS-NV SOG Input Maximum Noise Voltage
When SG4 is all black (no video), the sync's amplitude of SG4 gradually from 0 VP-P to 0.02 VP-P. No pulse output
permitted.
SS-SV SOG Minimum Input Voltage
When SG4 is all white or all black, the sync's amplitude of SG4 gradually from 0.2 VP-P to 0.3 VP-P. Positive pulse has
occurred to Sync Sepa OUT.
VSH Sync Output High level
Measure the high voltage at Sync Sepa OUT. The measured value is treated as VSH.
VSL Sync Output Low Level
Measure the low voltage at Sync Sepa OUT. The measured value is treated as VSL.
TDS-F Sync Output Delay Time1
Sync Sepa OUT becomes high with sink part of SG4.
Measure the time needed for the front edge of SG4 Sync to fall from 50% and for SyncOUT to rise from 50% with an
active probe. The measured value is called TDS-F.
TDS-R Sync Output Delay Time2
Sync Sepa OUT becomes high with sink part of SG4.
Measure the time needed for the rear edge of SG4 Sync to rise from 50% and for SyncOUT to fall from 50% with an
active probe. The measured value is called TDS-R.
TDS-R
Pedestal voltage
TDS-F
(50%)
Sync (50%)
SG4
Sync Sepa OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com