Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9109S Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA9109S
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109S Datasheet(HTML) 3 Page - STMicroelectronics

  TDA9109S Datasheet HTML 1Page - STMicroelectronics TDA9109S Datasheet HTML 2Page - STMicroelectronics TDA9109S Datasheet HTML 3Page - STMicroelectronics TDA9109S Datasheet HTML 4Page - STMicroelectronics TDA9109S Datasheet HTML 5Page - STMicroelectronics TDA9109S Datasheet HTML 6Page - STMicroelectronics TDA9109S Datasheet HTML 7Page - STMicroelectronics TDA9109S Datasheet HTML 8Page - STMicroelectronics TDA9109S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
PIN CONNECTIONS
Pin
Name
Function
1
H/HVIN
TTL compatible Horizontal sync Input (separate or composite)
2
VSYNCIN
TTL compatible Vertical sync Input (for separated H&V)
3
HLOCKOUT
First PLL Lock/Unlock Output (0V unlocked - 5V locked)
4
PLL2C
Second PLL Loop Filter
5
C0
Horizontal Oscillator Capacitor
6
R0
Horizontal Oscillator Resistor
7
PLL1F
First PLL Loop Filter
8
HPOSITION
Horizontal Position Filter (capacitor to be connected to HGND)
9
HMOIRE
Horizontal Moiré Output (to be connected to PLL2C through a resistor divider)
10
FOCUSOUT
Vertical Dynamic Focus Output
11
HGND
Horizontal Section Ground
12
HFLY
Horizontal Flyback Input (positive polarity)
13
HREF
Horizontal Section Reference Voltage (to be filtered)
14
COMP
B+ Error Amplifier Output for frequency compensation and gain setting
15
REGIN
Regulation Input of B+ control loop
16
ISENSE
Sensing of external B+ switching transistor current
17
B+GND
Ground (related to B+ reference adjustment)
18
BREATH
DC Breathing Input Control (compensation of vertical amplitude against EHV variation)
19
VGND
Vertical Section Ground
20
VAGCCAP
Memory Capacitor for Automatic Gain Control Loop in Vertical Ramp Generator
21
VREF
Vertical Section Reference Voltage (to be filtered)
22
VCAP
Vertical Sawtooth Generator Capacitor
23
VOUT
Vertical Ramp Output (with frequency independant amplitude and S or C Corrections if any).
It is mixed with vertical position voltage and vertical moiré.
24
EWOUT
Pin Cushion - E/W Correction Parabola Output
26
HOUT
Horizontal Drive Output (internal transistor, open collector)
25
XRAY
X-RAY protection input (with internal latch function)
27
GND
General Ground (referenced to VCC)
28
BOUT
B+ PWM Regulator Output
29
VCC
Supply Voltage (12V typ)
30
SCL
I
2C Clock Input
31
SDA
I
2C Data Input
32
5V
Supply Voltage (5V typ.)
TDA9109/S
3/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com