Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M62001FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M62001FP
Description  Low Power 2 Output System Reset IC Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62001FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M62001FP Datasheet HTML 1Page - Renesas Technology Corp M62001FP Datasheet HTML 2Page - Renesas Technology Corp M62001FP Datasheet HTML 3Page - Renesas Technology Corp M62001FP Datasheet HTML 4Page - Renesas Technology Corp M62001FP Datasheet HTML 5Page - Renesas Technology Corp M62001FP Datasheet HTML 6Page - Renesas Technology Corp M62001FP Datasheet HTML 7Page - Renesas Technology Corp M62001FP Datasheet HTML 8Page - Renesas Technology Corp M62001FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
M62001L/FP to M62008L/FP
Rev.1.00 Sep 14, 2005 page 4 of 9
Typical Characteristics
Circuit Curent vs. Supply Voltage
10
0
02468
10
4
8
2
6
2.0
0
0.5
1.5
1.0
Supply Voltage VCC (V)
Supply Voltage VCC (V)
00.5
2.0
1.0
1.5
Limit Operating Voltage
(Open drain type)
Thermal Derating
(Maximum Rating)
Ambient Temperature Ta (°C)
1000
0
0
25
50
75
100
125
200
400
600
800
Delay Capacitance vs. Delay Time
1
10
100
1000
Delay Time td (ms)
10
0.01
1.0
0.1
Reset Output Voltage vs. Supply Voltage
Interruption Output Voltage vs. Supply Voltage
5
0
0123
VBATT
VSH
45
2
4
1
3
Supply Voltage VCC (V)
5
0
0123
VSH
VSL
45
2
4
1
3
Supply Voltage VCC (V)
RL = 10kΩ
RL = 100kΩ
RL = 1MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com