Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M62002FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62002FP
Description  Low Power 2 Output System Reset IC Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62002FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62002FP Datasheet HTML 1Page - Renesas Technology Corp M62002FP Datasheet HTML 2Page - Renesas Technology Corp M62002FP Datasheet HTML 3Page - Renesas Technology Corp M62002FP Datasheet HTML 4Page - Renesas Technology Corp M62002FP Datasheet HTML 5Page - Renesas Technology Corp M62002FP Datasheet HTML 6Page - Renesas Technology Corp M62002FP Datasheet HTML 7Page - Renesas Technology Corp M62002FP Datasheet HTML 8Page - Renesas Technology Corp M62002FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
M62001L/FP to M62008L/FP
Rev.1.00 Sep 14, 2005 page 3 of 9
Absolute Maximum Ratings
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
8
V
Output sink current
Isink
5
mA
Power dissipation
Pd
440
mW
Thermal derating
K
θ
4.4
mW/°C
Ta
≥ 25°C
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Electrical Characteristics
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
4.30
4.45
4.60
M62001, M62002,
M62005, M62006,
Supply voltage
VS
4.05
4.25
4.45
Interruption level during VCC drop
(Equivalent to VSL)
M62003, M62004,
M62007, M62008,
Battery voltage
VBATT
2.00
2.15
2.30
V
Reset level at backup
Hysteresis voltage
∆V
S
100
mV
∆V
S = VSH – VSL
5.0
20
VCC = 5.0V: in normal mode
Circuit current
ICC
1.0
4
µA
VCC = 2.5V: in backup mode
Sink ability
Vsat1
0.2
0.4
VCC = 4V, IO = 4mA
(Output saturation voltage of N-ch transistor)
Source ability
Vsat2
0.2
0.4
V
VCC = 4V, IO = 1mA
(Output saturation voltage of P-ch transistor)
[CMOS output] M62001, M62003, M62005, M62007
Delay time
td
50
ms
External capacitance Cd = 0.33
µF
Pulse width
tpw
7
10
µs
Output pulse width (M62001, M62002, M62003, M62004)
Reset output
response time
tRESET
30
µs
Time between VCC (when falling) = VBATT and output of
RESET signal
Interruption output
reset time
tINT
100
µs
Time between VCC (when falling) = VS and output of INT
signal
Summary of M62001L/FP to M62008L/FP
Type No.
Supply Voltage Detection
Level VS (V)
Battery Voltage Detection
Level VBATT (V)
Output Form
Interruption Signal
Output Mode
M62001L/FP
CMOS
M62002L/FP
4.45
Open drain
M62003L/FP
CMOS
M62004L/FP
4.25
Open drain
Pulse output
M62005L/FP
CMOS
M62006L/FP
4.45
Open drain
M62007L/FP
CMOS
M62008L/FP
4.25
2.15
Open drain
Hold output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com