Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9110 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA9110
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9110 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA9110 Datasheet HTML 18Page - STMicroelectronics TDA9110 Datasheet HTML 19Page - STMicroelectronics TDA9110 Datasheet HTML 20Page - STMicroelectronics TDA9110 Datasheet HTML 21Page - STMicroelectronics TDA9110 Datasheet HTML 22Page - STMicroelectronics TDA9110 Datasheet HTML 23Page - STMicroelectronics TDA9110 Datasheet HTML 24Page - STMicroelectronics TDA9110 Datasheet HTML 25Page - STMicroelectronics TDA9110 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
III.2 - EW
EWOUT = 2.5V + K1 (VOUT -VDCOUT)
2
+K2(VOUT -VDCOUT)
K1 is adjustable by the EW amplitude I
2C register
K2 is adjustable by the Keystone I
2C register
III.3 - DC HSize Output Control
A 7 bits D/A converter is available on Pin 28. The
output is a NPN transistor emitter follower output
with an internal 100mA current source from output
to ground (max. sunk current). The Max. current
the output is able to source is 2.5mA. The output
level is between 0.5V to 4.5V. This DAC can be
used to control the H-Size.
III.4 - Dynamic Horizontal Phase Control
IOUT =K5 (VOUT -VDCOUT)
2 +K6 (VOUT -VDCOUT)
K5 is adjustable by the SidePin Balance I
2C register
K6 is adjustable by the Parallelogram I
2C register
III.5 - Function
When the synchronization pulse is not present, an
internal current source sets the free running fre-
quency. For an external capacitor, COSC = 150nF,
the typical free running frequency is 106Hz.
The typical free running frequency can be calcu-
lated by :
f0
(Hz)= 1.6 e−5
1
COSC
A negative or positive TTL level pulse applied on
Pin 2 (VSYNC) as well as a TTLcomposite synchro
on Pin 1 can synchronize the ramp in the range
[fmin , fmax]. This frequency range depends on the
external capacitor connectedon Pin 22.A capacitor
in the range [150nF, 220nF]
± 5% is recommanded
forapplicationin thefollowing range: 50Hz to 120Hz.
OPERATING DESCRIPTION (continued)
22
24
20
PARABOLA
GENERATOR
SYNCHRO
OSCILLATOR
2
OSC
CAP
DISCH.
V_SYNC
POLARITY
SAMPLING
SAMP.
CAP
Vlow
Sawth.
Disch.
REF
TRANSCONDUCTANCE
AMPLIFIER
CHARGE CURRENT
23 VERT_OUT
VERT_AMP
SUB05/7bits
VS_AMP
SUB07/6bits
COR_C
SUB08/6bits
S CORRECTION
C CORRECTION
EW_AMP
SUB09/7bits
EW_OUT
EW_CENT
SUB0A/6bits
SPB_AMP
SUB0D/6bits
SPB_OUT
V_FOCUS
PARAL
SUB0E/6bits
Internal Signal to PLL2
Internal Signal added
to H_FOCUS
AMP 6bits
18 BREATH
V
MOIRE
SUB0C/5bits
V
POSITION
SUB06/7bits
Figure 21 : Vertical Part Block Diagram
TDA9110
22/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com