Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M62254FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62254FP
Description  Standard Battery Charger Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62254FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62254FP Datasheet HTML 1Page - Renesas Technology Corp M62254FP Datasheet HTML 2Page - Renesas Technology Corp M62254FP Datasheet HTML 3Page - Renesas Technology Corp M62254FP Datasheet HTML 4Page - Renesas Technology Corp M62254FP Datasheet HTML 5Page - Renesas Technology Corp M62254FP Datasheet HTML 6Page - Renesas Technology Corp M62254FP Datasheet HTML 7Page - Renesas Technology Corp M62254FP Datasheet HTML 8Page - Renesas Technology Corp M62254FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M62254FP
REJ03F0244-0200 Rev.2.00 Jun 16, 2008
Page 2 of 11
Pin Arrangement
(Top view)
1
2
3
4
6
8
10
12
5
7
9
11
13
14
15
16
17
18
36
35
34
33
31
29
27
25
32
30
28
26
24
23
22
21
20
19
OPOUT1
OPOUT2
Outline: PRSP0036GA-A (36P2R-A)
GND
WD
Ctd
P.C
Iadj
IDET
VDET
VB
VCC
VDD
TC
CS
CK
DI
OPIN1+
OPIN2+
ISENSE
DOUT
OPIN1−
OPIN2−
LED1
LED2
LED3
P.GND
CD
IN1
IN2
IN3
IN4
MSW1
MSW2
SSW
REF
RESET
M62254FP
Pin Description
Pin No.
Pin Name
Function
24
CS
The serial data input pin which used to receives 8-bit wide serial data.
23
CK
The shift clock input pin which takes the input signal of DI pin to 8-bit shift register by the
rising edge of the clock signal.
22
DI
When CS pin is "Low", this pin can receive the data into the 8-bit shift register. The each
bit will be latched at rising edge of the clock signal.
17
DOUT
The output pin of the amplified A/D input.
11
REF
The reference voltage output pin of the A/D converter.
12 to 15
IN1 to IN4
The A/D converter input pin.
16
ISENSE
The current sense input pin.
10
CD
The input pin for the current detection to feedback of sub-switch driver.
9
SSW
The sub-switch driver output pin.
7, 8
MSW1, MSW2
The main switch driver output pin. (Open collector)
3 to 5
LED1 to LED3
The LED driver output pin. (Open collector)
19
VDD
The stabilized +5 V output pin.
21
VB
The pre-drive pin which used to connect the external PNP Tr.
20
Vcc
The power supply pin.
29
IDET
The current detection input pin.
30
Iadj
The input pin for current detection adjustment.
28
VDET
The voltage detection input pin.
32
P.C
The feedback pin for voltage and current control.
2, 33
OPIN1–, OPIN2–
The inverted input pin of OP-amp.
1, 34
OPIN1+, OPIN2+
The non-inverted input pin of OP-amp.
36, 35
OPOUT1, OPOUT2
The OP-amp. output pin. (Open collector output)
31
GND
The ground pin.
6
P.GND
The ground pin of power unit. (Main switch driver and LED driver)
18
RESET
The output pin of Reset and WDT. (Pulled up to VDD)
27
TC
The pin used to connect capacitor to determine the time constant of WDT.
26
WD
The input pin of the WDT.
25
Ctd
The pin used to connect capacitor to determine delay time the output after the Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com