Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9111 Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA9111
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9111 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA9111 Datasheet HTML 30Page - STMicroelectronics TDA9111 Datasheet HTML 31Page - STMicroelectronics TDA9111 Datasheet HTML 32Page - STMicroelectronics TDA9111 Datasheet HTML 33Page - STMicroelectronics TDA9111 Datasheet HTML 34Page - STMicroelectronics TDA9111 Datasheet HTML 35Page - STMicroelectronics TDA9111 Datasheet HTML 36Page - STMicroelectronics TDA9111 Datasheet HTML 37Page - STMicroelectronics TDA9111 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
TDA9111
34/43
Figure 18. DC/DC Converter (represented: Step-Up configuration)
B+ Inhibit.
I2C
DAC
7bits
± I
adjust
8.2V
Horizontal Dynamic
Focus Sawtooth
+
-
C1
+
-
C2
+
-
C3
+
-
C4
6V
8V
1.3V
1.3V
1/3
+
-
85 dB
A
5V
±20%
REGIN
COMP
ISENSE
TDA9111
16
14
15
28
1M
Ω
22k
Ω
EHV
Feedback
VB+
L
Command step-up/down
down
up
S
R
Q
down
up
BOUT
12V
HDF Discharge
400ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com