Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M62256FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M62256FP
Description  Single Chip Battery Charger Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62256FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M62256FP Datasheet HTML 1Page - Renesas Technology Corp M62256FP Datasheet HTML 2Page - Renesas Technology Corp M62256FP Datasheet HTML 3Page - Renesas Technology Corp M62256FP Datasheet HTML 4Page - Renesas Technology Corp M62256FP Datasheet HTML 5Page - Renesas Technology Corp M62256FP Datasheet HTML 6Page - Renesas Technology Corp M62256FP Datasheet HTML 7Page - Renesas Technology Corp M62256FP Datasheet HTML 8Page - Renesas Technology Corp M62256FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
M62256FP
REJ03F0246-0200 Rev.2.00 Jun 16, 2008
Page 4 of 10
Control Section
Item
Symbol
Min
Typ
Max
Unit
Conditions
Range of input voltage
VIN
0
Vcc
V
Input bias current
IBias
–1
µA
P.C output L voltage
VPCL
0.2
0.5
V
IPC = 2 mA
PCS OUT terminal flow out current
IPCSOUT
–18
–10
–5
µA
PCS IN terminal threshold voltage
VTHPCSIN
0.5
0.8
1.2
V
When over-current is detected
Each SW Detection Terminal
Item
Symbol
Min
Typ
Max
Unit
Conditions
Batt SW terminal flow out current
IBattSW
–240
–140
–80
µA
Vcc = 7 V, VBattSW = 0 V
Batt SW terminal threshold voltage
VTHBatt
3.0
5.6
6.0
V
Vcc = 7 V
Dchg SW terminal flow out current
IDchgSW
–240
–140
–80
µA
Vcc = 7 V, VDchgSW = 0 V
Dchg SW terminal threshold voltage
VTHDchg
3.0
5.6
6.0
V
Vcc = 7 V
Adpt SW terminal flow out current
IAdptSW
–240
–140
–80
µA
Vcc = 7 V, VAdptSW = 0 V
Adpt SW terminal threshold voltage
VTHAdpt
3.0
5.6
6.0
V
Vcc = 7 V
Internal Voltage Set-up
Item
Symbol
Min
Typ
Max
Unit
Conditions
Set-up output voltage at Adpt mode
VAdpt
820
864
910
mV
Set-up output voltage at charge
mode
VCHG
1.19
1.26
1.33
V
Set-up output voltage when over-
current is detected
VDOWN
478
504
530
mV
ISET1 set-up voltage
VISET1
123
130
137
mV
When quick charging
ISET2 set-up voltage
VISET2
11.4
12.0
12.6
mV
When trickle charging
OCSET set-up voltage
VOCSET
208
220
232
mV
When adapter mode
Over-voltage set-up voltage
VOVP
9.0
9.5
10
V
∆V detection voltage 1
V–∆V-1
0.6
1.0
1.4
V
Within initialization timer
∆V detection voltage 2
V–∆V-2
60
100
140
mV
After initialization timer has
passed
Voltage at the end of discharge
VCHGON
4.7
5.0
5.3
V
Temperature detection set-up
voltage 1
VTTH1
0.92
0.97
1.02
V
Temperature at the start of
charging
Temperature detection set-up
voltage 2
VTTH2
1.06
1.12
1.18
V
Temperature at the start of
recharging
Over-heating detection set-up
voltage
VO/H
0.81
0.86
0.91
V
Charge stop temperature
Item
Symbol
Min
Typ
Max
Unit
Conditions
Oscillation frequency
fosc
9.22
10.24
11.26
kHz
Rc = 30 k
Ω, Cc = 2200 pF
Initialization timer 1
Tm1
18.0
20.0
22.0
m
Battery voltage < 5 V
Initialization timer 2
Tm2
4.5
5.0
5.5
m
5 V
≤ Battery voltage < 6.5 V
Initialization timer 3
Tm3
2.7
3.0
3.3
m
Battery voltage
≥ 6.5 V
Undetected time for –
∆V
TNDET
2.7
3.0
3.3
m
Safety timer 1
Tms1
2.7
3.0
3.3
h
When quick charging
Safety timer 2
Tms2
21.6
24
26.4
h
When trickle charging
Over-current detection time
TOC
9.0
10.0
11.0
s
Note:
The time given to each timer is when the oscillation frequency of 10.24 kHz is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com