Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9203A Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA9203A
Description  I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9203A Datasheet(HTML) 2 Page - STMicroelectronics

  TDA9203A Datasheet HTML 1Page - STMicroelectronics TDA9203A Datasheet HTML 2Page - STMicroelectronics TDA9203A Datasheet HTML 3Page - STMicroelectronics TDA9203A Datasheet HTML 4Page - STMicroelectronics TDA9203A Datasheet HTML 5Page - STMicroelectronics TDA9203A Datasheet HTML 6Page - STMicroelectronics TDA9203A Datasheet HTML 7Page - STMicroelectronics TDA9203A Datasheet HTML 8Page - STMicroelectronics TDA9203A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Name
Pin
Type
Fun ction
IN1
1
I
1
st Channel Main Picture Input
OSD1
2
I
1
st Channel OSD Input
AVDD
3
I
12V Analog VDD
IN2
4
I
2
nd Channel Main Picture Input
OSD2
5
I
2
nd Channel OSD Input
AGND
6
I/O
Analog Ground
IN3
7
I
3
rd Channel Main Picture Input
OSD3
8
I
3
rd Channel OSD Input
ABL
9
I
ABL Input
LGND
10
I/O
Logic Ground
SDA
11
I/O
Serial Data Line
SCL
12
I
Serial Clock Line
Name
Pin
Type
Function
FBLK
13
I
Fast Blanking Input
BLK
14
I
Blanking Input
PGND3
15
I/O
3
rd Channel Power Ground
OUT3
16
O
3
rd Channel Output
PVCC3
17
I
3
rd Channel Power VCC
PGND2
18
I/O
2
nd Channel Power Ground
OUT2
19
O
2
nd Channel Output
PVCC2
20
I
2
nd Channel Power VCC
PGND1
21
I/O
1
st Channel Power Ground
OUT1
22
O
1
st Channel Output
PVCC1
23
I
1
st Channel Power VCC
HSYNC
24
I
Horizontal Synch Input
PIN DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
CLAMP
V
REF
AV
DD
IN1
AGND
IN2
BRIGHTNESS
IN3
OUTPUT
STAGE
DRIVE
8 bits
BPCP
PV
CC1
FBLK
BLK
OUT1
PGND1
PV
CC2
OUT2
PGND2
OUT3
PGND3
PV
CC3
ABL
LGND
I2C
BUS
DECODER
D/A
LATCHES
BPCP
SCL
SDA
HSYNC
OSD
OSD1
OSD2
OSD3
GREEN CHANNEL
BLUE CHANNEL
I2C
V
REF
OUTPUT
DC LEVEL
ADJUST
TDA9203A
CONTRAST
CONT
BLOCK DIAGRAM
TDA9203A
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com