Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9207 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA9207
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9207 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA9207 Datasheet HTML 2Page - STMicroelectronics TDA9207 Datasheet HTML 3Page - STMicroelectronics TDA9207 Datasheet HTML 4Page - STMicroelectronics TDA9207 Datasheet HTML 5Page - STMicroelectronics TDA9207 Datasheet HTML 6Page - STMicroelectronics TDA9207 Datasheet HTML 7Page - STMicroelectronics TDA9207 Datasheet HTML 8Page - STMicroelectronics TDA9207 Datasheet HTML 9Page - STMicroelectronics TDA9207 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TDA9207
6/22
Functioning with 5 V Power VCC
To simplify the application, it is possible to supply
the power VCC with 5 V (instead of 8 V nominal) at
the expense of output swing voltage.
Functioning without Blanking Pulse
If no blanking pulse is applied to the TDA9207, the
internal BPCP can be connected to the sample
and hold circuit (Register 8, bit 7 = 1 and BLK pin
grounded) so that the output DC level is still con-
trolled by I2C.
To ensure the device correct behavior in the worst
possible conditions, the Brightness Register must
be set to 0.
Figure 3. Waveforms VOUT, BRT, CONT, OSD
Notes :
1. VDC
=
0.5 to 2.5V
2. VBLACK
=
VDC + 0.4V
3. VBRT
=
VBLACK + BRT (with BRT = 0 to 2V)
4. VCONT
=
VBRT + CONT = k x Video IN (CONT = 4.4VPP max. for VIN = 0.7VPP)
5. VOSD
=
VBRT + OSD (OSD max. = 4.9VPP , OSD min = 0VPP)
HSYNC
BPCP
BLK
Video IN
FBLK
OSD IN
V
DC
CONT
BRT
0.4V fixed
V
CONT
(4)
V
OSD
(5)
V
BRT
(3)
V
BLACK
(2)
(1)
OSD
VOUT1 , VOUT2 ,VOUT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com