Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9536 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA9536
Description  7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9536 Datasheet(HTML) 8 Page - STMicroelectronics

  TDA9536 Datasheet HTML 1Page - STMicroelectronics TDA9536 Datasheet HTML 2Page - STMicroelectronics TDA9536 Datasheet HTML 3Page - STMicroelectronics TDA9536 Datasheet HTML 4Page - STMicroelectronics TDA9536 Datasheet HTML 5Page - STMicroelectronics TDA9536 Datasheet HTML 6Page - STMicroelectronics TDA9536 Datasheet HTML 7Page - STMicroelectronics TDA9536 Datasheet HTML 8Page - STMicroelectronics TDA9536 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TDA9536
8/9
Note: 3
“H3 and L2” do not include mold flash or protrusions
Mold flash or protrusions shall not exceed 0.15mm per side.
R2
0.30
0.012
R3
0.50
0.019
S
0.65
0.70
0.75
0.025
0.027
0.029
V
10deg.
10deg.
V1
5deg.
5deg.
V2
75deg.
75deg.
Dimensions
Millim eters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com