Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSKCS301/045P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSKCS301/045P
Description  Schottky Rectifier, 300 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKCS301/045P Datasheet(HTML) 1 Page - Vishay Siliconix

  VSKCS301/045P Datasheet HTML 1Page - Vishay Siliconix VSKCS301/045P Datasheet HTML 2Page - Vishay Siliconix VSKCS301/045P Datasheet HTML 3Page - Vishay Siliconix VSKCS301/045P Datasheet HTML 4Page - Vishay Siliconix VSKCS301/045P Datasheet HTML 5Page - Vishay Siliconix VSKCS301/045P Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94434
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 23-Apr-08
1
Schottky Rectifier, 300 A
VSKCS301/045P
Vishay High Power Products
MECHANICAL DESCRIPTION
The Generation 5 of ADD-A-PAK module combine the
excellent thermal performance obtained by the usage of
direct bonded copper substrate with superior mechanical
ruggedness, thanks to the insertion of a solid copper
baseplate at the bottom side of the device.
The Cu baseplate allow an easier mounting on the majority
of heatsink with increased tolerance of surface roughness
and improved thermal spread.
The Generation 5 of ADD-A-PAK module is manufactured
without hard mold, eliminating in this way any possible direct
stress on the leads.
The electrical terminals are secured against axial pull-out:
they are fixed to the module housing via a click-stop feature
already tested and proved as reliable on other Vishay HPP
modules.
FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• UL pending
• Totally lead (Pb)-free, RoHS compliant
• Designed and qualified for industrial level
DESCRIPTION
The VSKCS301.. Schottky rectifier common cathode has
been optimized for low reverse leakage at high temperature.
The proprietary barrier technology allows for reliable
operation up to 175 °C junction temperature.
Typical applications are in high current switching power
supplies, plating power supplies, UPS systems, converters,
freewheeling
diodes,
welding,
and
reverse
battery
protection.
PRODUCT SUMMARY
IF(AV)
300 A
ADD-A-PAK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
300
A
VRRM
45
V
IFSM
tp = 5 µs sine
16 000
A
VF
150 Apk, TJ = 125 °C
0.65
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VSKCS301/045P
UNITS
Maximum DC reverse voltage
VR
45
V
Maximum working peak reverse voltage
VRWM


Similar Part No. - VSKCS301/045P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS301 VISHAY-VSKCS301 Datasheet
174Kb / 7P
Schottky Rectifier, 300 A
23-Apr-08
VSKCS301 VISHAY-VSKCS301_V01 Datasheet
174Kb / 7P
Schottky Rectifier, 300 A
23-Apr-08
More results

Similar Description - VSKCS301/045P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300CNQ045PBF VISHAY-300CNQ045PBF Datasheet
110Kb / 6P
Schottky Rectifier, 300 A
28-Apr-08
301CNQPBF VISHAY-301CNQPBF Datasheet
110Kb / 6P
Schottky Rectifier, 300 A
28-Apr-08
303CNQ100PBF VISHAY-303CNQ100PBF Datasheet
112Kb / 6P
Schottky Rectifier, 300 A
28-Apr-08
VSKCS303 VISHAY-VSKCS303 Datasheet
156Kb / 6P
Schottky Rectifier, 300 A
23-Apr-08
logo
Nell Semiconductor Co.,...
NKSD300-100 NELLSEMI-NKSD300-100 Datasheet
386Kb / 6P
Schottky Rectifier, 300 A
logo
Vishay Siliconix
VS-301CNQPBF VISHAY-VS-301CNQPBF Datasheet
143Kb / 6P
High Performance Schottky Rectifier, 300 A
26-Mar-14
VS-300CNQ045PBF VISHAY-VS-300CNQ045PBF_17 Datasheet
141Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
VSKCS301 VISHAY-VSKCS301_V01 Datasheet
174Kb / 7P
Schottky Rectifier, 300 A
23-Apr-08
VS-300CNQ045PBF VISHAY-VS-300CNQ045PBF_V01 Datasheet
140Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
VS-301CNQ...PBF VISHAY-VS-301CNQ...PBF Datasheet
137Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com