Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSKCS409/150P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSKCS409/150P
Description  Schottky Rectifier, 400 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKCS409/150P Datasheet(HTML) 1 Page - Vishay Siliconix

  VSKCS409/150P Datasheet HTML 1Page - Vishay Siliconix VSKCS409/150P Datasheet HTML 2Page - Vishay Siliconix VSKCS409/150P Datasheet HTML 3Page - Vishay Siliconix VSKCS409/150P Datasheet HTML 4Page - Vishay Siliconix VSKCS409/150P Datasheet HTML 5Page - Vishay Siliconix VSKCS409/150P Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94440
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 27-Oct-08
1
Schottky Rectifier, 400 A
VSKCS409/150P
Vishay High Power Products
MECHANICAL DESCRIPTION
The Generation 5 of ADD-A-PAK module combine the
excellent thermal performance obtained by the usage of
direct bonded copper substrate with superior mechanical
ruggedness, thanks to the insertion of a solid copper
baseplate at the bottom side of the device.
The Cu baseplate allow an easier mounting on the majority
of heatsink with increased tolerance of surface roughness
and improved thermal spread.
The Generation 5 of ADD-A-PAK module is manufactured
without hard mold, eliminating in this way any possible direct
stress on the leads.
The electrical terminals are secured against axial pull-out:
they are fixed to the module housing via a click-stop feature
already tested and proved as reliable on other Vishay HPP
modules.
FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• UL pending
• Totally lead (Pb)-free, RoHS compliant
• Designed and qualified for industrial level
DESCRIPTION
The VSKCS409.. Schottky rectifier common cathode has
been optimized for low reverse leakage at high temperature.
The proprietary barrier technology allows for reliable
operation up to 175 °C junction temperature.
Typical applications are in high current switching power
supplies, plating power supplies, UPS systems, converters,
freewheeling
diodes,
welding,
and
reverse
battery
protection.
PRODUCT SUMMARY
IF(AV)
400 A
ADD-A-PAK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
400
A
VRRM
150
V
IFSM
tp = 5 µs sine
20 000
A
VF
200 Apk, TJ = 125 °C
0.79
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VSKCS409/150P
UNITS
Maximum DC reverse voltage
VR
150
V
Maximum working peak reverse voltage
VRWM


Similar Part No. - VSKCS409/150P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS400 VISHAY-VSKCS400 Datasheet
158Kb / 6P
Schottky Rectifier, 400 A
23-Apr-08
VSKCS400-045 VISHAY-VSKCS400-045 Datasheet
131Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
09-Mar-11
VSKCS400/045P VISHAY-VSKCS400/045P Datasheet
158Kb / 6P
Schottky Rectifier, 400 A
23-Apr-08
VSKCS400 VISHAY-VSKCS400_11 Datasheet
131Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
09-Mar-11
VSKCS401 VISHAY-VSKCS401 Datasheet
157Kb / 6P
Schottky Rectifier, 200 A
24-Apr-08
More results

Similar Description - VSKCS409/150P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
400CNQ045PBF VISHAY-400CNQ045PBF Datasheet
114Kb / 6P
Schottky Rectifier, 400 A
29-Apr-08
401CNQPBF VISHAY-401CNQPBF Datasheet
114Kb / 6P
Schottky Rectifier, 400 A
29-Apr-08
409CNQPBF VISHAY-409CNQPBF Datasheet
113Kb / 6P
Schottky Rectifier, 400 A
29-Apr-08
VSKCS400 VISHAY-VSKCS400 Datasheet
158Kb / 6P
Schottky Rectifier, 400 A
23-Apr-08
VSKCS403 VISHAY-VSKCS403 Datasheet
157Kb / 6P
Schottky Rectifier, 400 A
24-Apr-08
VSKCS408 VISHAY-VSKCS408 Datasheet
158Kb / 6P
Schottky Rectifier, 400 A
24-Apr-08
VSKJS403 VISHAY-VSKJS403 Datasheet
158Kb / 6P
Schottky Rectifier, 400 A
25-Apr-08
403CMQ100 VISHAY-403CMQ100 Datasheet
113Kb / 7P
Schottky Rectifier, 400 A
19-Nov-09
logo
Nell Semiconductor Co.,...
NKSD400-100 NELLSEMI-NKSD400-100 Datasheet
384Kb / 6P
Schottky Rectifier, 400 A
logo
Vishay Siliconix
409CNQ135PBF VISHAY-409CNQ135PBF_12 Datasheet
126Kb / 7P
Schottky Rectifier, 400 A
29-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com