Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS103B-GS18 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LS103B-GS18
Description  Small Signal Schottky Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LS103B-GS18 Datasheet(HTML) 3 Page - Vishay Siliconix

  LS103B-GS18 Datasheet HTML 1Page - Vishay Siliconix LS103B-GS18 Datasheet HTML 2Page - Vishay Siliconix LS103B-GS18 Datasheet HTML 3Page - Vishay Siliconix LS103B-GS18 Datasheet HTML 4Page - Vishay Siliconix LS103B-GS18 Datasheet HTML 5Page - Vishay Siliconix LS103B-GS18 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LS103A / 103B / 103C
Document Number 85631
Rev. 1.3, 17-Mar-06
Vishay Semiconductors
www.vishay.com
3
Figure 3. Reverse Current vs. Junction Temperature
Figure 4. Diode Capacitance vs. Reverse Voltage
Figure 5. Typ. Non Repetitive Forward Surge Current vs. Pulse
width
1
10
100
1000
10000
20
40
60
80
0
100
120
140
160
T
j - Junction Temperature (°C)
16767
0
5
10
15
20
25
30
0
1015202530
V
R - Reverse Voltage (V)
16768
f = 1 MHz
5
0
5
10
15
20
25
0.1
1.0
10.0
t
P - Pulse width (ms)
16769



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com