Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPC20 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TPC20
Description  Surface Mount Automotive Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPC20 Datasheet(HTML) 1 Page - Vishay Siliconix

  TPC20 Datasheet HTML 1Page - Vishay Siliconix TPC20 Datasheet HTML 2Page - Vishay Siliconix TPC20 Datasheet HTML 3Page - Vishay Siliconix TPC20 Datasheet HTML 4Page - Vishay Siliconix TPC20 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
New Product
TPC6.8 thru TPC43A
Vishay General Semiconductor
Document Number: 89056
Revision: 04-Aug-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Surface Mount Automotive Transient Voltage Suppressors
High Temperature Stability and High Reliability Conditions
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Uni-direction only
• Patented PAR® construction
• Excellent clamping capability
• Low incremental surge resistance
• Very fast response time
• Meets MSL level 1, per J-STD-020C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
• Halogen-free
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94V-0 flammability
rating.
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC-Q101 qualified)
Base P/NHM3 - halogen-free and RoHS compliant,
high reliability/automotive grade (AEC-Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
HE3 and HM3 suffix meets JESD 201 class 2 whisker
test
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICs, MOSFET, signal lines of sensor units
for consumer, computer, industrial, automotive and
telecommunication.
PRIMARY CHARACTERISTICS
VBR
6.8 V to 43 V
PPPM
1500 W
IFSM
200 A
TJ max.
185 °C
TO-277A (SMPC)
A
2
1
eSMPTM Series
Cathode 1
Cathode 2
Anode
A
Patented*
*Patent #'s
4,980,315
5,166,769
5,278,094
Notes
(1) Non-repetitive current pulse, per Fig. 3 and derated above T
A = 25 °C per Fig. 2
(2) Measured on 8.3 ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minute maximum
(3) Pulse test: 300 µs pulse width, 1 % duty cycle
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation with a 10/1000 µs waveform (1)(2) (Fig. 3)
PPPM
1500
W
Peak power pulse current with a 10/1000 µs waveform (1) (Fig. 1)
IPPM
see next table
A
Peak forward surge current 8.3 ms single half sine-wave (2)
IFSM
200
A
Maximum instantaneous forward voltage at 100 A (3)
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 185
°C


Similar Part No. - TPC20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPC20 VISHAY-TPC20 Datasheet
92Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
10-May-11
TPC20A VISHAY-TPC20A Datasheet
92Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
10-May-11
TPC20A VISHAY-TPC20A Datasheet
102Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
19-Apr-2022
TPC20CA VISHAY-TPC20CA Datasheet
88Kb / 5P
Surface Mount PAR Transient Voltage Suppressors Bi-directional 1500 W TVS in TO-277 (SMPC) Package
09-Sep-16
TPC20CA VISHAY-TPC20CA Datasheet
92Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
17-Sep-2021
More results

Similar Description - TPC20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
10-May-07
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
20-Oct-08
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
Surface Mount Automotive Transient Voltage Suppressors
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
Surface Mount Automotive Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com