Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA2037A Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEA2037A
Description  HORIZONTAL AND VERTICAL DEFLECTION MONITOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2037A Datasheet(HTML) 2 Page - STMicroelectronics

  TEA2037A Datasheet HTML 1Page - STMicroelectronics TEA2037A Datasheet HTML 2Page - STMicroelectronics TEA2037A Datasheet HTML 3Page - STMicroelectronics TEA2037A Datasheet HTML 4Page - STMicroelectronics TEA2037A Datasheet HTML 5Page - STMicroelectronics TEA2037A Datasheet HTML 6Page - STMicroelectronics TEA2037A Datasheet HTML 7Page - STMicroelectronics TEA2037A Datasheet HTML 8Page - STMicroelectronics TEA2037A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FRAME
OSCILLATOR
12
3
5
6
7
8
9
10
11
12
15
16
Yoke
VCC1
4
13
14
POWER
STAGE
+
-
FRAME-SYNC.
SEPARATOR
FRAME
OSCILLATOR
PHASE
DETECTOR
LINE
OSCILLATOR
OUTPUT
STAGE
FLYBACK
GENERATOR
INPUT
STAGE
TEA2037A
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC1
Supply Voltage
30
V
V2
Flybcak Generator Supply Voltage
35
V
V7
Frame Power Supply Voltage
60
V
I8nr
Frame Output Current (non repetitive)
± 1.5
A
I8
Frame Output Current (continuous)
± 1A
V14
Line Output Voltage (external)
60
V
Ip14
Line Output Peak Current
0.8
A
IC14
Line Output Continuous Current
0.4
A
Tstg
Storage Temperature
-40, +150
oC
Tj
Max. Operating Junction Temperature
+150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction-case Thermal Resistance
Max.
15
oC/W
Rth (j-a)
Junction-ambient Thermal Resistance
(soldered on a 35
µm thick 45cm2 PC board copper area)
Typ.
45
oC/W
Tj
Recommended Junction Temperature
Max.
120
oC
ELECTRICAL CHARACTERISTICS (Tamb =25
oC)
Symbol
Parameter
Min.
Typ.
Max.
Unit
SUPPLY (shunt regulator) (Pin 16)
ICC1
Supply Current
10
20
mA
VCC1
∆VCC1
Supply Voltage (ICC1 = 15mA)
Voltage Variation (ICC1 : 10mA to 20mA)
9
-280
9.8
50
10.5
+280
V
mV
LPS
Starting Threshold for Line Output Pulses
5
V
TEA2037A
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com