Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBRF10H100CTHE3/45 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBRF10H100CTHE3/45
Description  Dual Common-Cathode High-Voltage Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF10H100CTHE3/45 Datasheet(HTML) 2 Page - Vishay Siliconix

  MBRF10H100CTHE3/45 Datasheet HTML 1Page - Vishay Siliconix MBRF10H100CTHE3/45 Datasheet HTML 2Page - Vishay Siliconix MBRF10H100CTHE3/45 Datasheet HTML 3Page - Vishay Siliconix MBRF10H100CTHE3/45 Datasheet HTML 4Page - Vishay Siliconix MBRF10H100CTHE3/45 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR(F,B)10H90CT & MBR(F,B)10H100CT
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88668
Revision: 08-Nov-07
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
,
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous forward voltage per diode (1)
IF = 5.0 A
IF = 5.0 A
IF = 10 A
IF = 10 A
TJ = 25 °C
TJ = 125 °C
TJ = 25 °C
TJ = 125 °C
VF
0.76
0.61
0.85
0.71
V
Maximum reverse current per diode at working peak
reverse voltage (1)
TJ = 25 °C
TJ = 100 °C
IR
3.5
4.5
µA
mA
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
MBRB
UNIT
Typical thermal resistance per diode
RθJC
2.2
5.2
2.2
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
MBR10H100CT-E3/45
1.85
45
50/tube
Tube
ITO-220AB
MBRF10H100CT-E3/45
1.79
45
50/tube
Tube
TO-263AB
MBRB10H100CT-E3/45
1.35
45
50/tube
Tube
TO-263AB
MBRB10H100CT-E3/81
1.35
81
800/reel
Tape reel
TO-220AB
MBR10H100CTHE3/45 (1)
1.85
45
50/tube
Tube
ITO-220AB
MBRF10H100CTHE3/45 (1)
1.79
45
50/tube
Tube
TO-263AB
MBRB10H100CTHE3/45 (1)
1.35
45
50/tube
Tube
TO-263AB
MBRB10H100CTHE3/81 (1)
1.35
81
800/reel
Tape reel
Figure 1. Forward Derating Curve Per Diode
0
2
4
6
8
10
12
100
0
25
50
75
125
150
175
Case Temperature (°C)
MBR
MBRB
MBRF
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
1
10
100
25
50
75
100
125
150
175
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com