Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR40H60CT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBR40H60CT
Description  Dual Common-Cathode Schottky Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR40H60CT Datasheet(HTML) 1 Page - Vishay Siliconix

  MBR40H60CT Datasheet HTML 1Page - Vishay Siliconix MBR40H60CT Datasheet HTML 2Page - Vishay Siliconix MBR40H60CT Datasheet HTML 3Page - Vishay Siliconix MBR40H60CT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
New Product
MBR40H35CT thru MBR40H60CT
Vishay General Semiconductor
Document Number: 88920
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Dual Common-Cathode Schottky Rectifiers
High Barrier Technology for Improved High Temperature Performance
FEATURES
• Guardring for overvoltage protection
• Low power losses, high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• High frequency operation
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in low voltage, high frequency rectifier of
switching mode power supplies, freewheeling diodes,
dc-to-dc converters or polarity protection application.
MECHANICAL DATA
Case: TO-220AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test
Mounting Torque: 10 in-lbs maximum
Polarity: As marked
PRIMARY CHARACTERISTICS
IF(AV)
20 A x 2
VRRM
35 V to 60 V
IFSM
350 A, 320 A
VF at IF = 20 A
0.55 V, 0.60 V
IR
100 µA
TJ max.
175 °C
CASE
PIN 2
PIN 1
PIN 3
TO-220AB
1
2
3
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR40H35CT
MBR40H45CT
MBR40H50CT
MBR40H60CT
UNIT
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
V
Maximum average forward rectified
current (Fig. 1)
total device
per diode
IF(AV)
40
20
A
Peak forward surge current 8.3 ms
single half sine-wave superimposed on
rated load
per diode
IFSM
350
320
A
Peak repetitive reverse current per diode
at tp = 2 µs, 1 kHz
IRRM
1.0
A
Peak non-repetitive reverse surge
energy (8/20 µs waveform)
per diode
ERSM
20
mJ
Non-repetitive avalanche energy
at 25 °C, IAS = 3.0 A, L = 5 mH
per diode
EAS
22.5
mJ
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 175
°C


Similar Part No. - MBR40H60CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR40H60CT VISHAY-MBR40H60CT Datasheet
50Kb / 3P
Dual Schottky Barrier Rectifiers
14-Jul-04
logo
Kersemi Electronic Co.,...
MBR40H60CT KERSEMI-MBR40H60CT Datasheet
1Mb / 3P
Dual rectifier construction, positive center tap
MBR40H60CT KERSEMI-MBR40H60CT Datasheet
1Mb / 3P
Dual rectifier construction, positive center tap
MBR40H60CT KERSEMI-MBR40H60CT Datasheet
1Mb / 3P
Dual rectifier construction, positive center tap
logo
Vishay Siliconix
MBR40H60CT VISHAY-MBR40H60CT Datasheet
85Kb / 5P
Dual Common Cathode Schottky Rectifiers
13-Aug-13
More results

Similar Description - MBR40H60CT

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBCT2020 DIOTEC-SBCT2020 Datasheet
119Kb / 2P
Schottky Barrier Rectifiers - Common Cathode
SBCT1020 DIOTEC-SBCT1020 Datasheet
113Kb / 2P
Schottky Barrier Rectifiers - Common Cathode
logo
GOOD-ARK Electronics
MBR10150CT GOOD-ARK-MBR10150CT Datasheet
183Kb / 3P
Dual Common-Cathode High-Voltage Schottky Barrier Rectifiers
logo
Vishay Siliconix
SS10P3CL VISHAY-SS10P3CL_15 Datasheet
100Kb / 6P
Dual Common Cathode Schottky Rectifiers
14-Aug-13
logo
Taiwan Semiconductor Co...
MBR1545CT-Y TSC-MBR1545CT-Y Datasheet
231Kb / 4P
15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
MBRF1545CT-Y TSC-MBRF1545CT-Y Datasheet
265Kb / 4P
15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_15 Datasheet
85Kb / 5P
Dual Common Cathode Schottky Rectifiers
13-Aug-13
logo
Taiwan Semiconductor Co...
MBRS2045CT-Y TSC-MBRS2045CT-Y Datasheet
243Kb / 4P
20A, 45V - 200V Dual Common Cathode Schottky Rectifiers
logo
Central Semiconductor C...
CRSH16D CENTRAL-CRSH16D Datasheet
368Kb / 3P
DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS
logo
Thinki Semiconductor Co...
MBR3035PT THINKISEMI-MBR3035PT Datasheet
591Kb / 2P
30.0 Ampere Dual Common Cathode Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com