Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA3718SDP Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA3718SDP
Description  STEPPER MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA3718SDP Datasheet(HTML) 1 Page - STMicroelectronics

  TEA3718SDP Datasheet HTML 1Page - STMicroelectronics TEA3718SDP Datasheet HTML 2Page - STMicroelectronics TEA3718SDP Datasheet HTML 3Page - STMicroelectronics TEA3718SDP Datasheet HTML 4Page - STMicroelectronics TEA3718SDP Datasheet HTML 5Page - STMicroelectronics TEA3718SDP Datasheet HTML 6Page - STMicroelectronics TEA3718SDP Datasheet HTML 7Page - STMicroelectronics TEA3718SDP Datasheet HTML 8Page - STMicroelectronics TEA3718SDP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TEA3718
TEA3718S
STEPPER MOTOR DRIVER
ADVANCE DAT A
HALF-STEP AND FULL-STEP MODE
BIPOLAR DRIVE OF STEPPER MOTOR FOR
MAXIMUM MOTOR PERFORMANCE
BUILT-IN PROTECTION DIODES
WIDE RANGE OF CURRENT CONTROL 5 TO
1500 mA
WIDE VOLTAGE RANGE 10 TO 50 V
DESIGNED FOR UNSTABILIZED MOTOR
SUPPLY VOLTAGE
CURRENT LEVELS CAN BE SELECTED IN
STEPS OR VARIED CONTINUOUSLY
THERMAL OVERLOAD PROTECTION
ALARM OUTPUT OR PRE-ALARM OUTPUT
(see internal table)
DESCRIPTION
The TEA3718 and TEA3718Sare bipolar monolithic
integrated circuits intended to control and drive the
current in one winding of a bipolar stepper motor.
The circuits consist of an LS-TTL compatible logic
input, a current sensor, a monostable and an output
stage with built-in protection diodes. Two TEA3718
or TEA3718S and a few external components form
a complete control and drive unit for LS-TTL or mi-
croprocessor-controlled stepper motor systems.
Powerdip
12 +2 +2
MULTIWA TT-15
TEA3718SP
(Multiwatt-15)
TEA3718SFP
(SO-20)
TEA3718DP
TEA3718SDP
(Powerdip 12+2+2)
PIN CONNECTIONS (top views)
ORDERING NUMBERS :
TEA3718SDP
TEA3718DP
ORDERING NUMBER : TEA3718SP
1/16
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
SO-20
ORDERING NUMBER :
TEA3718SFP
December 1991


Similar Part No. - TEA3718SDP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA3718SDP STMICROELECTRONICS-TEA3718SDP Datasheet
594Kb / 26P
Stepper motor driver
21-Jan-2009
More results

Similar Description - TEA3718SDP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
STEPPER MOTOR DRIVER
logo
Motorola, Inc
SAA1042 MOTOROLA-SAA1042 Datasheet
100Kb / 6P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219 STMICROELECTRONICS-L6219 Datasheet
1Mb / 9P
STEPPER MOTOR DRIVER
Oct-2001
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
Stepper Motor Driver
June, 2006 ??Rev. 7
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com