Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST180C20C3LPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ST180C20C3LPBF
Description  Phase Control Thyristors (Hockey PUK Version), 350 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST180C20C3LPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  ST180C20C3LPBF Datasheet HTML 1Page - Vishay Siliconix ST180C20C3LPBF Datasheet HTML 2Page - Vishay Siliconix ST180C20C3LPBF Datasheet HTML 3Page - Vishay Siliconix ST180C20C3LPBF Datasheet HTML 4Page - Vishay Siliconix ST180C20C3LPBF Datasheet HTML 5Page - Vishay Siliconix ST180C20C3LPBF Datasheet HTML 6Page - Vishay Siliconix ST180C20C3LPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94396
4
Revision: 11-Aug-08
ST180CPbF Series
Vishay High Power Products
Phase Control Thyristors
(Hockey PUK Version), 350 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - On-State Power Loss Characteristics
Fig. 6 - On-State Power Loss Characteristics
110
100
50
60
70
80
90
40
130
0
Average On-State Current (A)
50
120
100
150
200
250
ST180C..C Series
(Single side cooled)
R
thJ-hs (DC) = 0.17 K/W
Ø
Conduction angle
60°
30°
90°
120°
180°
0
200
400
Average On-State Current (A)
300
100
110
100
40
50
60
70
80
90
20
130
120
30
ST180C..C Series
(Single side cooled)
R
thJ-hs (DC) = 0.17 K/W
30°
60°
90°
120°
180°
Ø
Conduction period
DC
0
Average On-State Current (A)
50
100 150 200 250 300 350 400 450
Ø
Conduction angle
60°
30°
90°
120°
180°
ST180C..C Series
(Double side cooled)
R
thJ-hs (DC) = 0.17 K/W
110
100
40
50
60
70
80
90
20
130
120
30
0
200
400
500
600
700
Average On-State Current (A)
300
100
110
100
40
50
60
70
80
90
20
130
120
30
ST180C..C Series
(Double side cooled)
R
thJ-hs (DC) = 0.08 K/W
30°
60°
90°
120°
180°
Ø
Conduction period
DC
700
600
100
200
300
400
500
0
900
1000
0
Average On-State Current (A)
50
800
100 150 200 250 300 350 400 450
180°
120°
90°
60°
30°
RMS limit
Ø
Conduction angle
ST180C..C Series
T
J = 125 °C
700
600
100
200
300
400
500
0
900
1000
1100
1200
1300
0
Average On-State Current (A)
800
100
200
300
400
500
600
700
DC
180°
120°
90°
60°
30°
RMS limit
ST180C..C Series
T
J = 125 °C
Ø
Conduction period



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com