Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA6422D Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEA6422D
Description  BUS-CONTROLLED AUDIO MATRIX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6422D Datasheet(HTML) 3 Page - STMicroelectronics

  TEA6422D Datasheet HTML 1Page - STMicroelectronics TEA6422D Datasheet HTML 2Page - STMicroelectronics TEA6422D Datasheet HTML 3Page - STMicroelectronics TEA6422D Datasheet HTML 4Page - STMicroelectronics TEA6422D Datasheet HTML 5Page - STMicroelectronics TEA6422D Datasheet HTML 6Page - STMicroelectronics TEA6422D Datasheet HTML 7Page - STMicroelectronics TEA6422D Datasheet HTML 8Page - STMicroelectronics TEA6422D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TEA6422
3/10
ELECTRICAL CHARACTERISTICS
TA = 25
oC, V
S = 9 V, RL = 10 kΩ, RG = 600 Ω, f = 1 kHz (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
8
10
11
V
IS
Supply Current
3
8
mA
SVR
Ripple Rejection
VIN = 500mVRMS, f = 1kHz
70
80
dB
MATRIX
VIN
Input DC Level
VCC/2
V
RI
Input Resistance
30
50
100
k
Ω
CS
Channel Separation
VIN = 2VRMS, f = 1kHz
80
90
dB
OUTPUT BUFFER
VOUT
Output DC Level
VCC/2
V
ROUT
Output Resistance
50
100
Ω
eNI
Input Noise
BW = 20 - 20kHz, flat
3
µV
S/N
Signal to Noise Ratio
VIN = VOUT = 1VRMS
110
dB
G
Gain
-1
0
+ 1
dB
d
Distortion
VIN = VOUT = 1VRMS
0.01
0.05
%
VCL
Clipping Level
d = 0.3 %, VS = 10 V
2.8
3
VRMS
RL
Output Load Resistance
2
k
Ω
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com