Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA7063 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TEA7063
Description  SPEECH CIRCUIT WITH POWER MANAGEMENT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7063 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TEA7063 Datasheet HTML 6Page - STMicroelectronics TEA7063 Datasheet HTML 7Page - STMicroelectronics TEA7063 Datasheet HTML 8Page - STMicroelectronics TEA7063 Datasheet HTML 9Page - STMicroelectronics TEA7063 Datasheet HTML 10Page - STMicroelectronics TEA7063 Datasheet HTML 11Page - STMicroelectronics TEA7063 Datasheet HTML 12Page - STMicroelectronics TEA7063 Datasheet HTML 13Page - STMicroelectronics TEA7063 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
6. CURRENT SOURCE FOR SPEAKERPHONE
6.1 Current Source (pin 12)
Most of the DC current available from the line is
delivered by the speech circuit at the output Isource
(pin 12) through an internal current generator.
Typical values of this current, lLS with R9 = 100K,
are:
ILS = (0.3
• ILINE)
for ILINE < 16.5mA
ILS = (0.9
• ILINE -10mA) for ILINE > 16.5mA
(ex: ILINE = 16mA then ILS = 5mA
ILINE = 30mA then ILS = 17mA
ILINE = 60mA then ILS = 44mA).
The voltage level at pin 12 must be defined by an
external regulator (i.e.: zener) and, if necessary,
filtered with a capacitor (47 to 220
µF).
In case VLINE (at pin 16) approaches voltage at
pin 12, then the internal current source switches
off and its DC current is shunt to ground through
and internal
complementary generator, thus
avoiding any negative effect on the AC and DC
impedances of the telephone set application.
5. MICROPROCESSOR INTERFACE
5.1 Microprocessor Supply (pin 19)
At ”off-hook” the first priority of the circuit is to
make some current available at the Microproces-
sor Supply (pin 19) to charge quickly the external
capacitor C2.
This charging current is Icpm = 0.6
• ILINE
T-charge of about 10ms is necessary, with C2 =
47/
µF. to charge pin 19 at the specified value of
3.3V typical at ILINE = 25mA:
T-charge =
3.3V
• C2
0.6
• ILINE
typically
Vmp = 3.3V in normal operation and current in-
creases linearly from 0.5mA min, at ILINE = 6mA,
to1.5mA, at ILINE = 25mA, remaining stable for
higher values of ILINE. (with R9 = 100K)
In general:
Imp =
130Volt
R9
+ 0.3mA at IL > 25mA
Imp =
11Volt
R9
+ 0.3mA at IL > 6mA
A zener of 3.9V typical is generally suggested to
Figure 8
Figure 9
TEA7063
10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com