Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA7063FP Datasheet(PDF) 12 Page - STMicroelectronics

Part # TEA7063FP
Description  SPEECH CIRCUIT WITH POWER MANAGEMENT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7063FP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TEA7063FP Datasheet HTML 7Page - STMicroelectronics TEA7063FP Datasheet HTML 8Page - STMicroelectronics TEA7063FP Datasheet HTML 9Page - STMicroelectronics TEA7063FP Datasheet HTML 10Page - STMicroelectronics TEA7063FP Datasheet HTML 11Page - STMicroelectronics TEA7063FP Datasheet HTML 12Page - STMicroelectronics TEA7063FP Datasheet HTML 13Page - STMicroelectronics TEA7063FP Datasheet HTML 14Page - STMicroelectronics TEA7063FP Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Iint min (IL = 6mA) = 4 /56K + 60 = 130
µA
Iint min (IL = ILb) = 8 /56K + 60 = 200
µA
Vpin17 = 2.5V
⇒ R6 = 18KΩ ⇒
Vpin16 min (IL = 6mA) = 2.5 + 18
• 130E - 3 = 4.85V
Vpin16 max (IL = ILb) = 2.5 + 18
• 200E - 3 = 6.1V
♦ Current Sources
Iup min (IL = 6mA) = 0.5mA
Iup max (IL = ILb) = 2.5mA
Iear min (IL = 6mA) = 0.55mA
Iear max (IL = ILb) = 7.5mA
with RZ =75
Ω
Itr min (IL = 6mA) = 2.35mA
Itr max (IL = ILb) = 4.5mA
ILS min (IL = 6mA) = 1.17mA
♦ ILb
ILb =
2.5
+ 7.5 + 4.5 + 0.2 + 1.3
0.715
mA
ILb = 22.4mA
ILS (for IL = ILb) = 0.285
• ILb = 6.4mA
♦ at IL = 100mA:
∆(ILS) = 0.91 • ∆(IL) = 0.91 • (100 - 22.6) = 64mA
ILS = 6.4 + 64 = 70.4mA
Figure 10: Line Power Supply Management
TEA7063
12/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com