Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2244 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2244
Description  Ultra Fast USB 2.0 SD/MMC Flash Media Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2244 Datasheet(HTML) 1 Page - SMSC Corporation

  USB2244 Datasheet HTML 1Page - SMSC Corporation USB2244 Datasheet HTML 2Page - SMSC Corporation USB2244 Datasheet HTML 3Page - SMSC Corporation USB2244 Datasheet HTML 4Page - SMSC Corporation USB2244 Datasheet HTML 5Page - SMSC Corporation USB2244 Datasheet HTML 6Page - SMSC Corporation USB2244 Datasheet HTML 7Page - SMSC Corporation USB2244 Datasheet HTML 8Page - SMSC Corporation USB2244 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SMSC USB2244/USB2244i
DATASHEET
Revision 1.0 (05-27-08)
Datasheet
PRODUCT FEATURES
USB2244/USB2244I
Ultra Fast USB 2.0 SD/MMC
Flash Media Controller
General Description
The SMSC USB2244/USB2244i is a USB 2.0 compliant,
high speed Bulk Only Mass Storage Class Peripheral
Controller intended for reading and writing to SD/MMC Flash
Media Cards.
The SMSC USB2244/USB2244i is a fully integrated, single
chip solution capable of ultra high performance operation.
Average sustained transfer rates exceeding 35MB/s are
possible if the media and host can support those rates.
Provisions to read/write secure media formats is also
provided.
General Features
36-pin QFN (6x6mm) lead-free RoHS compliant package
Hardware-controlled data flow architecture for all self-
mapped media
Pipelined hardware support for access to non-self-
mapped media
Product name with “i” denotes the version that supports
the industrial temperature range of -40ºC to 85ºC
Support included for secure media format on a licensed,
customized basis
—SD Secure
Hardware Features
Single Chip Flash Media Reader/Writer
Secure Digital 2.0
HS-SD, HC-SD, TransFlash™ and reduced form factor
media
MultiMediaCard Specification 4.2
1/4/8 bit MMC
SDIO and MMC Streaming Mode support
Extended configuration options
Socket switch polarities, etc.
Media Activity LED
GPIO configuration and polarity
Up to 8 GPIOs for special function use: LED indicators,
power control to memory devices, etc. The number of
actual GPIO’s depends on the implementation
configuration used.
One GPIO with up to 200 mA drive
On Board 24MHz Crystal Driver Circuit
Internal Card Power FET
200mA
"Fold-back" short circuit current protected
8051 8-bit microprocessor
60MHz - single cycle execution
64KB ROM; 14KB RAM
Internal Regulator for 1.8V core operation
Optimized pinout improves signal routing, easing
implementation and allowing for improved signal integrity
Mask Programmable Features
VID/PID/Language ID
28-character Manufacturer ID and Product string
12-hex digit (max) Serial Number string
Customizable Vendor specific data LED blink interval or
duration
Software Features
Optimized for low latency interrupt handling
Reduced memory footprint
Please see the USB2244/USB2244i Software Release
Notes for additional Software Features.
Applications
Flash Media Card Reader/Writer
Printers
Desktop and Mobile PCs
Consumer A/V
Media Players/Viewers
Vista ReadyBoostTM
Compatible with Microsoft Vista, Windows XP, Windows
ME, Windows 2K SP4, Apple OSx, and Linux Mass
Storage Class Drivers


Similar Part No. - USB2244

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2244-AEZG MICROCHIP-USB2244-AEZG Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
USB2244-AEZG-TR MICROCHIP-USB2244-AEZG-TR Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
USB2244I-AEZG MICROCHIP-USB2244I-AEZG Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
USB2244I-AEZG-TR MICROCHIP-USB2244I-AEZG-TR Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
USB2244II-AEZG MICROCHIP-USB2244II-AEZG Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
More results

Similar Description - USB2244

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C210 SMSC-USB97C210 Datasheet
380Kb / 24P
USB 2.0 FLASH MEDIA CONTROLLER
USB97C211 SMSC-USB97C211 Datasheet
345Kb / 24P
USB 2.0 Flash Media Controller
logo
GENESYS LOGIC
GL422 GENESYS-GL422 Datasheet
268Kb / 32P
USB 2.0 SD/MMC-controller Combo Solution
logo
SMSC Corporation
USB2240 SMSC-USB2240 Datasheet
717Kb / 28P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
USB2250 SMSC-USB2250 Datasheet
894Kb / 36P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
logo
Microchip Technology
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
Revision 2.1 02-07-13
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
Ultra Fast USB 2.0 Multi-Format, SD/MMC and MS Flash Media Controllers
Revision 2.1 02-07-13
USB2250 MICROCHIP-USB2250 Datasheet
472Kb / 43P
Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
07/14/15
USB224X MICROCHIP-USB224X Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
USB 2.0 SD/MMC Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com