Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA7532FP Datasheet(PDF) 13 Page - STMicroelectronics

Part # TEA7532FP
Description  MONITOR AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7532FP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TEA7532FP Datasheet HTML 8Page - STMicroelectronics TEA7532FP Datasheet HTML 9Page - STMicroelectronics TEA7532FP Datasheet HTML 10Page - STMicroelectronics TEA7532FP Datasheet HTML 11Page - STMicroelectronics TEA7532FP Datasheet HTML 12Page - STMicroelectronics TEA7532FP Datasheet HTML 13Page - STMicroelectronics TEA7532FP Datasheet HTML 14Page - STMicroelectronics TEA7532FP Datasheet HTML 15Page - STMicroelectronics TEA7532FP Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
- ”B” Mode
This allows higher voltage operation, but at a lower
supply current.
Loudspeakerimpedancerecommended value : 25
Ω.
Maximum gain available between earphone input
and loudspeaker output : 32 - 6 = 26 dB.
PIN 11 : Vref : INTERNAL REFERENCE
Output which provides an internally regulated refer-
ence voltage.
Vref = 1.1 V typical
MAXIMUM AVAILABLE CURRENT : 5
µA
Figure 23.
PIN 13 : GROUND
PIN 14-15 : GAIN ADJUSTMENT INPUTS
These pins are used to adjust the loudspeaker am-
plifier gain. Four steps of 6 dB/step are available
(pin open circuit = high level).
PIN 16 : LOUDSPEAKER MUTING.
This pin is used to mute the loudspeaker. Pin open-
circuit : high level = loudspeaker muted.
Pin low level : louspeaker enabled (see connection
of pins 14 and 15).
PG0
PG1
1
1
Gmax
1
0
Gmax - <0> 6 dB
0
1
Gmax - 12 dB
0
0
Gmax - 18 dB
TEA7532
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com