Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA7540FP Datasheet(PDF) 5 Page - STMicroelectronics

Part # TEA7540FP
Description  HANDSFREE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7540FP Datasheet(HTML) 5 Page - STMicroelectronics

  TEA7540FP Datasheet HTML 1Page - STMicroelectronics TEA7540FP Datasheet HTML 2Page - STMicroelectronics TEA7540FP Datasheet HTML 3Page - STMicroelectronics TEA7540FP Datasheet HTML 4Page - STMicroelectronics TEA7540FP Datasheet HTML 5Page - STMicroelectronics TEA7540FP Datasheet HTML 6Page - STMicroelectronics TEA7540FP Datasheet HTML 7Page - STMicroelectronics TEA7540FP Datasheet HTML 8Page - STMicroelectronics TEA7540FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TEA7540 OPERATION
TEA7540 is powered through an external shunt
regulator (for instance the shunt regulator of the
monitor amplifier TEA7532) or an external zener
diode.
It can work at a very low voltage (2.5V) over the
circuit and it has a low current consumption
(2.1mA).
It’s also possible via the chip select pin (CS) to
put the handsfree function in standby to use the
circuit in monitoring mode with the handset micro-
phone.
TEA7540 is designed to work with all kind of mi-
crophone, including Electret.
TEA7540 also handles the handset microphone
signal (AMP IN) when the system is set to normal
conversation mode.
Figure C: Application Diagram (Example of high range telephone set using TEA7540).
Symbol
Parameter
Value
Unit
V
+
Supply Voltage
12
V
Top
Operating Temperature
-20 to 70
°C
Tstg
Storage Temperature Range
-65 to 125
°C
ABSOLUTE MAXIMUM RATINGS
TEA7540
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12