Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS85-GS18 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BAS85-GS18
Description  Small Signal Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS85-GS18 Datasheet(HTML) 3 Page - Vishay Siliconix

  BAS85-GS18 Datasheet HTML 1Page - Vishay Siliconix BAS85-GS18 Datasheet HTML 2Page - Vishay Siliconix BAS85-GS18 Datasheet HTML 3Page - Vishay Siliconix BAS85-GS18 Datasheet HTML 4Page - Vishay Siliconix BAS85-GS18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAS85
Document Number 85510
Rev. 1.8, 27-Mar-06
Vishay Semiconductors
www.vishay.com
3
Package Dimensions in mm (Inches)
Figure 3. Forward Current vs. Forward Voltage
0
0.5
1.0
1.5
15824
0.1
1
10
100
1000
T
j = 150 °C
V
F - Forward Voltage (V)
T
j = 25 °C
Figure 4. Diode Capacitance vs. Reverse Voltage
0
1
2
3
4
5
6
7
8
9
10
0.1
1
10
100
15825
f = 1 MHz
V
R - Reverse Voltage (V)
96 12070
3.7 (0.146)
3.3 (0.130)
0.47 max. (0.019)
Cathode indification
2.5 (0.098) max
5.0 (0.197) ref
1.25 (0.049) min
Document no.: 6.560-5005.01-4
Rev. 7 - Date: 07.February.2005
foot print recommendation:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com