Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEF1033D Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEF1033D
Description  PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEF1033D Datasheet(HTML) 1 Page - STMicroelectronics

  TEF1033D Datasheet HTML 1Page - STMicroelectronics TEF1033D Datasheet HTML 2Page - STMicroelectronics TEF1033D Datasheet HTML 3Page - STMicroelectronics TEF1033D Datasheet HTML 4Page - STMicroelectronics TEF1033D Datasheet HTML 5Page - STMicroelectronics TEF1033D Datasheet HTML 6Page - STMicroelectronics TEF1033D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRECISION DUAL OPERATIONAL AMPLIFIERS
®
.
VERY LOW INPUT OFFSET VOLTAGE :
1mV max.
.
LOW DISTORTION RATIO
.
LOW NOISE
.
VERY LOW SUPPLY CURRENT
.
LOW INPUT OFFSET CURRENT
.
LARGE COMMON-MODE RANGE
.
HIGH OUTPUT CURRENT
.
GAIN-BANDWIDTH PRODUCT : 2MHz
.
TEMPERATURE DRIFT : 2
µV/oC
.
LONG TERM STABILITY : 8
µV/YEAR
(for Tamb
≤ 50oC)
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
1
2
3
45
6
7
8
-
+
-
+
Output 1
Inverting input 1
Non-inverting input 1
V
CC
VCC
Output 2
Inverting input 2
Non-inverting input 2
-
+
PIN CONNECTIONS (top view)
ORDER CODES
Part
Number
Temperature
Range
Package
ND
TEB1033
0
oC, +70oC
••
TEF1033
–40
oC, +105oC
••
TEC1033
–55
oC, +125oC
••
Example : TEB1033N
DESCRIPTION
The TEB1033, TEF1033 and TEC1033 are high
performance dual-operational amplifiers intended
for active filter applications. The internal phase com-
pensation allows stable operation as voltage fol-
lower in spite of their high gain-bandwidth product.
The circuits present very stable electrical charac-
teristics over the entire supply voltage range.
TEB1033
TEF1033-TEC1033
June 1998
1/7


Similar Part No. - TEF1033D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEF1033 STMICROELECTRONICS-TEF1033 Datasheet
102Kb / 7P
PRECISION DUAL OPERATIONAL AMPLIFIERS
Mar-2005
More results

Similar Description - TEF1033D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1013A TI-LT1013A Datasheet
546Kb / 30P
DUAL PRECISION OPERATIONAL AMPLIFIERS
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
Dual Precision Operational Amplifiers
logo
Texas Instruments
LT1013 TI-LT1013 Datasheet
595Kb / 33P
DUAL PRECISION OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TEB1033 STMICROELECTRONICS-TEB1033_05 Datasheet
102Kb / 7P
PRECISION DUAL OPERATIONAL AMPLIFIERS
Mar-2005
logo
Texas Instruments
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI1-TLC27L2_16 Datasheet
1Mb / 50P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI1-TLC272_16 Datasheet
1Mb / 53P
PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com